PART |
Description |
Maker |
Q62703-Q1492 Q62703-Q1494 LGU260-EO LSU260 LSU260- |
Mini LED 1 mm LED/ Diffused Mini LED 1 mm LED / Diffused Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Color:White/Purple; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Mini LED 1 mm LED, Diffused
|
SIEMENS A G SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
Q62703-Q1353 Q62703-Q1356 Q62703-Q1355 Q62703-Q391 |
3 mm T1 3/4 LED, Diffused Wide-Angle LED T-1 SINGLE COLOR LED, SUPER RED, 3 mm 3 mm T1 3/4 LED / Diffused Wide-Angle LED 3 mm T1 3/4 LED, Diffused Wide-Angle LED 3毫米T1 3 / 4的LED,扩散广角发光二极管 DIODE SWITCHING SINGLE 240V 225mA-Io 250mW 50ns-trr SOT-323 3K/REEL 3 mm T1 3/4 LED, Diffused Wide-Angle LED 3 mm T1 3/4 LED Diffused Wide-Angle LED
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
Q62703-Q1996 Q62703-Q3097 Q62703-Q1871 Q62703-Q148 |
Symbol LED 5 mm T1 3/4 LED / Partly Diffused Symbol LED 5 mm T1 3/4 LED Partly Diffused CYLINDRICAL LED LAMP Symbol LED 5 mm T1 3/4 LED/ Partly Diffused Cermet Potentiometer; Series:3296; Track Resistance:20kohm; Resistance Tolerance: /- 10%; Power Rating:0.5W; Operating Temperature Range:-55 C to 150 C; Resistor Element Material:Cermet; Temperature Coefficient: /-100 ppm RoHS Compliant: No TRIMMER, 25 TURN 2K SINGLE COLOR LED, YELLOW, 5 mm Symbol LED 5 mm T1 3/4 LED, Partly Diffused SINGLE COLOR LED, YELLOW, 5 mm Symbol LED 5 mm T1 3/4 LED, Partly Diffused SINGLE COLOR LED, ORANGE, 5 mm Symbol LED 5 mm T1 3/4 LED, Partly Diffused 符号的LED 5毫米T1 3 / 4的LED,部分漫
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
LG5411-NR LG5411-Q LG5411-QT LG5411-R LG5411-S LO5 |
5 mm T1 3/4 LED/ Non Diffused Super-Bright LED SUPERBRIGHT T1(5mm) LED LAMP 5 mm T1 3/4 LED / Non Diffused Super-Bright LED 5 mm T1 3/4 LED Non Diffused Super-Bright LED 5 mm T1 3/4 LED, Non Diffused Super-Bright LED 5毫米T1 3 / 4的LED,非扩散超高亮度发光二极 5 mm T1 3/4 LED, Non Diffused Super-Bright LED T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm
|
http:// SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
Q62703-Q3825 LR5380 Q62703-Q3189 Q62703-Q3909 LG53 |
5 mm T1 3/4 LED / Diffused Wide-Angle LED 5 mm T1 3/4 LED Diffused Wide-Angle LED 5 mm T1 3/4 LED/ Diffused Wide-Angle LED 3932 5 mm T1 3/4 LED, Diffused Wide-Angle LED 5毫米T1 3 / 4的LED,扩散广角发光二极管 5 mm T1 3/4 LED, Diffused Wide-Angle LED T-1 3/4 SINGLE COLOR LED, SUPER RED, 5 mm 5 mm T1 3/4 LED, Diffused Wide-Angle LED T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG Siemens Semiconductor G...
|
Q62703-Q3833 Q62703-Q2345 Q62703-Q3858 LG5469-EH L |
LC 5 mm T1 3/4 LED Diffused Low Current LED LC 5 mm T1 3/4 LED, Diffused Low Current LED 立法毫米T1 3 / 4的LED,扩散低电流LED LC 5 mm T1 3/4 LED, Diffused Low Current LED 立法5毫米T1 3 / 4的LED,扩散低电流LED LC 5 mm T1 3/4 LED, Diffused Low Current LED T-1 3/4 SINGLE COLOR LED, YELLOW, 5 mm LC 5 mm T1 3/4 LED, Diffused Low Current LED T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
E28 E116 E113 E30 E106 E103 E105 E112 E209 E3 E100 |
Yellow, mini LED. Lens translucent. Luminous intensity at 10mA: 2.0mcd(min), 3.5mcd(max). Forward voltage at 20mA: 2.1V(typ), 2.5V(max). Orange InGaAIP, T-1 3/4, ultra bright LED. Lens orange translucent. Luminous intensity at 20mA: 700mcd(min), 3000mcd(max). Forward voltage at 20mA: 1.8V(typ), 2.3V(max). Super bright green, mini LED. Lens translucent. Luminous intensity at 10mA: 10.0mcd(min), 16.0mcd(max). Forward voltage at 20mA: 2.2V(typ), 2.5V(max). Green T-1, right angle LED(3mm). Lens diffused. Luminous intensity at 10mA: 5.0mcd(typ), 20.0mcd(max). Forward voltage at 20mA: 2.2V(typ), 2.5V(max). Red T-1, right angle LED(3mm). Lens diffused. Luminous intensity at 10mA: 12.5mcd(typ), 32.0mcd(max). Forward voltage at 20mA: 2.0V(typ), 2.5V(max). T-1 bright white LED / Lens clear Miniature LEDs 微型发光二极 Orange, mini LED. Lens translucent. Luminous intensity at 10mA: 3.0mcd(min), 7.0mcd(max). Forward voltage at 20mA: 2.0V(typ), 2.6V(max). Yellow T-1, right angle LED(3mm). Lens diffused. Luminous intensity at 10mA: 5.0mcd(typ), 20.0mcd(max). Forward voltage at 20mA: 2.1V(typ), 2.5V(max). High efficiency red, mini LED. Lens translucent. Luminous intensity at 10mA: 4.0mcd(min), 7.0mcd(max). Forward voltage at 20mA: 2.0V(typ), 2.5V(max)(max). Ultra bright red, mini LED. Lens translucent. Luminous intensity at 10mA: 20.0mcd(min), 60.0mcd(max). Forward voltage at 20mA: 1.85V(typ), 2.5V(max)(max). Yellow InGaAIP, T-1 3/4, ultra bright LED. Lens yellow translucent. Luminous intensity at 20mA: 400mcd(min), 1600mcd(max). Forward voltage at 20mA: 2.0V(typ), 2.5V(max).
|
Gilway Technical Lamp International Light Technologies Inc. International Light Technologies, Inc.
|
LYO285-T2V1-46 LYO285-S2T2-46 LYO285 |
Hyper Oval LED Lamp 4 mm, Colored Diffused High-optical Power LED
|
OSRAM GmbH
|
Q62703-Q3860 LSM776 LSM776-MQ LSM776-N LSM776-NR L |
Hyper Mini TOPLED RG Hyper-Bright LED 超迷你TOPLEDRG超高亮LED Hyper Mini TOPLED RG Hyper-Bright LED SINGLE COLOR LED, ORANGE, 1.4 mm Hyper Mini TOPLED RG Hyper-Bright LED SINGLE COLOR LED, AMBER, 1.4 mm Hyper Mini TOPLED RG Hyper-Bright LED SINGLE COLOR LED, SUPER RED, 1.4 mm SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Quick Connect Termination
|
SIEMENS AG Siemens Group SIEMENS[Siemens Semiconductor Group]
|
65-21-G6C-AN2Q1-3T 65-21/G6C-AN2Q1/3T |
Mini Top View LED SINGLE COLOR LED, BRILLIANT YELLOW GREEN, 1.7 mm
|
Everlight Electronics Co., Ltd EVERLIGHT ELECTRONICS CO LTD
|
APT2012QYW APT2012MBW APT2012SRWPRV APT2012PYW |
2.0 x 1.2 mm SMD chip LED lamp. Yellow. Lens type white diffused. 2.0 x 1.2 mm SMD chip LED lamp. Blue. Lens type white diffused. 2.0 x 1.2 mm SMD chip LED lamp. Super bright red. Lens type white diffused. 2.0 x 1.2 mm SMD chip LED lamp. Pure yellow. Lens type white diffused.
|
Kingbright Electronic
|