PART |
Description |
Maker |
PIC16F630 PIC16F676 PIC12F630 PIC16F676PIC16F630 1 |
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers (PIC12F676 / PIC12F630) 14-Pin Flash Based 8-Bit CMOS Microcontrollers IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,14PIN,PLASTIC
|
MICROCHIP[Microchip Technology]
|
PIC12CE518-04/SN PIC12CE518-04E/SM PIC12CE518-04I/ |
8-Pin/ 8-Bit CMOS Microcontroller with EEPROM Data Memory GIGABASE 350 CAT5E PATCH 6 FT, NON BOOT, PURPLE HDMI (F) TO DVI (M) 24 PIN SWIVEL ADAPTER Fuse; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory 8引脚8位微控制器的CMOS EEPROM数据存储 IC-SM-8-BIT MCU 集成电路位微控制
|
Microchip Technology Inc. Microchip Technology, Inc. Cinch Connectors
|
12C509AG RFPIC12C509AG |
(xxx12C509Ax) 18/20-Pin 8-Bit CMOS Microcontroller 18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
|
Microchip Technology Inc.
|
MAX543 MAX543ACPA MAX543ACSA MAX543ACWE MAX543AEJA |
CMOS, 12-Bit, Seral-Input Multiplying DAC SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDSO16 Serial, CMOS, Multiplying, 12-Bit DAC in 8-Pin Package SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDIP8 CMOS, 12-Bit, Seral-Input Multiplying DAC SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDIP8 DIODE, SM, TRANS SUP, 17VWM, 600W, 5%, UNI-DIRECT, DO-214AA Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-24 RoHS Compliant: No From old datasheet system
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
UPD78081CU-XXX UPD780054GK-XXX-BE9 UPD780054YGK-XX |
44-pin 8-bit microcomputer with on-chip UART 8-bit single-chip microcontroller Mask ROM 32K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 24K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 40K bytes, CMOS 8-bit microcomputer 78K/0 series 78K/0 series ROM-less 8-bit single-chip microcomputers 8-bit CMOS single-chip microcomputer 8-bit single-chip microcomputer 78K/0 series 100-pin g/p control 8-bit microcomputer with on-chip I2C bus 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit microcomputer w/ on-chip I2C bus I/F & A/D converter IEBus controller built-in 8-bit SC microcomputer
|
NEC
|
PIC12F629-I/MF PIC12F629-I/P PIC12F675T-E/MF PIC12 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC® MCU architecture into an 8-pin package and featur 8-Pin/ 8-Bit CMOS Microcontroller with EEPROM Data Memory
|
Microchip
|
PIC16F767 PIC16F767-I_P PIC16F7X7 |
28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
|
MICROCHIP[Microchip Technology]
|
AM27C4096 AM27C4096-100DC AM27C4096-100DCB AM27C40 |
6-bit buffers and line drivers 16-SO 0 to 70 Hex Bus Drivers With 3-State Outputs 16-SOIC 0 to 70 4 Megabit (256 K x 16-Bit) CMOS EPROM 256K X 16 OTPROM, 200 ns, PQCC44 4 Megabit (256 K x 16-Bit) CMOS EPROM 256K X 16 UVPROM, 200 ns, CDIP40 4 Megabit (256 K x 16-Bit) CMOS EPROM 256K X 16 OTPROM, 200 ns, PDIP40 TV 37C 37#22D SKT PLUG 256K X 16 OTPROM, 100 ns, PDIP40 4 Megabit (256 K x 16-Bit) CMOS EPROM 4兆位56亩16位)的CMOS存储 4 Megabit (256 K x 16-Bit) CMOS EPROM 256K X 16 UVPROM, 90 ns, CDIP40 TV 10C 10#20 PIN PLUG 6-bit buffers and line drivers 16-PDIP 0 to 70 TV 37C 37#22D PIN PLUG TV 18C 18#20 SKT WALL RECP TV 19C 19#20 PIN WALL RECP TV 10C 10#20 SKT PLUG 6-bit buffers and line drivers 16-SOIC 0 to 70 Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS06; Number of Contacts:10; Connector Shell Size:13; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
PIC16F87X01 P16F877 PIC16LF873 PIC16F876-20I/SOD85 |
8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDIP28 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO28 0.300 INCH, PLASTIC, MS-013, SO-28 (PIC16LF87x) 8-Bit CMOS Flash Microcontrollers DMOS MICROSTEPPING DRVR W/TRANSLATOR 28/40-Pin 8-Bit CMOS FLASH Microcontrollers 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PQFP44
|
HIROSE ELECTRIC Co., Ltd. Microchip Technology Inc. http://
|
PIC16LC773-04I_PT PIC16LC773-20I_JW PIC16LC773 PIC |
28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
|
MICROCHIP[Microchip Technology]
|