PART |
Description |
Maker |
X20C17PM-35 X20C17PM-45 X20C17PM-55 X20C17 X20C17P |
High Speed AUTOSTORE NOVRAM High Speed AUTOSTORE⑩ NOVRAM High Speed AUTOSTORENOVRAM OSC 5V SMT 7X5 CMOS
|
XICOR[Xicor Inc.]
|
BC857C BC856A BC857A BC856B BC857B BC858B BC858C B |
PNP SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Hex Buffer/Line Driver with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counter 16-SOIC -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
CY27H512-30JC CY27H512-30WC CY27H512-35HC CY27H512 |
64K x 8 High-Speed CMOS EPROM 64K x 8 High-Speed CMOS EPROM 64K X 8 OTPROM, 25 ns, PDSO28 64K x 8 High-Speed CMOS EPROM 64K X 8 OTPROM, 55 ns, PDSO28 64K x 8 High-Speed CMOS EPROM 64K X 8 OTPROM, 30 ns, PDIP28 64K x 8 High-Speed CMOS EPROM 64K X 8 UVPROM, 55 ns, CDIP28 64K x 8 High-Speed CMOS EPROM 64K X 8 UVPROM, 45 ns, CDIP28 64K x 8 High-Speed CMOS EPROM 64K X 8 OTPROM, 55 ns, CDIP28 64K x 8 High-Speed CMOS EPROM 64K X 8 UVPROM, 45 ns, CQCC32 64K x 8 High-Speed CMOS EPROM 64K X 8 OTPROM, 70 ns, PDIP28 64K x 8 High-Speed CMOS EPROM 64K X 8 OTPROM, 70 ns, PQCC32 64K x 8 High-Speed CMOS EPROM 64K X 8 UVPROM, 70 ns, CQCC32 64K x 8 High-Speed CMOS EPROM 64K X 8 OTPROM, 70 ns, PDSO28 CAP SM CER 2200PFD 50V 10% X7R 0805
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
AT28HC256-12FM/883 AT28HC256-12LM/883 AT28HC256-12 |
CONNECTOR ACCESSORY 32K X 8 EEPROM 5V, 90 ns, CPGA28 High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-TSSOP -55 to 125 256 32K x 8 High Speed Parallel EEPROMs 256 32K x 8 High Speed CMOS E2PROM
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
W26L010A W26L010A-10 W26L010A-12 W26L010AJ-10 W26L |
JT 10C 10#20 PIN RECP From old datasheet system 64K X 16 High Speed CMOS Static RAM HIGH SPEED SRAM 64Kx16
|
Winbond Electronics Corp WINBOND[Winbond]
|
LT1057 LT1057AC LT1057ACH LT1057ACJ LT1057ACJ8 LT1 |
Dual and Quad/ JFET Input Precision High Speed Op Amps Dual and Quad, JFET Input Precision High Speed Op Amps DUAL OP-AMP, 1400 uV OFFSET-MAX, 5 MHz BAND WIDTH, CDIP8 1-of-8 Data Selectors/Multiplexers 16-SOIC 0 to 70 Dual 2-Line to 4-Line Decoders/Demultiplexers 16-SO 0 to 70 Dual and Quad, JFET Input Precision, High Speed Op Amps Dual and Quad JFET Input Precision High Speed Op Amps From old datasheet system Dual Precision, High Speed, JFET Input Op Amp(精密,高速,结型场效应管输入双路运算放大 Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
Linear Technology Corporation LINER[Linear Technology] Black Box, Corp.
|
2SC3783 |
NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR, HIGH SPEED DC-DC CONVERTER APPLICATIONS) npn型三重扩散型(高速,高压开关,开关稳压器,高速DC - DC转换器应用) NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING SWITCHING REGULATOR HIGH SPEED DC-DC CONVERTER APPLICATIONS) NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING/ SWITCHING REGULATOR/ HIGH SPEED DC-DC CONVERTER APPLICATIONS)
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
KM68257C-12 KM68257CJ-12 KM68257CJ-20 KM68257CL-12 |
32Kx8 bit high speed static RAM (5V operating), 20ns 32Kx8 bit high speed static RAM (5V operating), 15ns 32Kx8 bit high speed static RAM (5V operating), 12ns 32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range. 32Kx8位高速静态RAM5V的工作(,进化引脚了。在商业温度范围工作
|
Samsung Electronic SAMSUNG[Samsung semiconductor] Samsung Semiconductor Co., Ltd.
|
LTC2449C LTC2444CUHF LTC2445I LTC2445C |
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution 24位ADC的高-/16-Channel可选速度/分辨 24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution 8-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PQCC38
|
Linear Technology, Corp. Linear Technology Corporation
|
MAX4641 MAX4641EGA MAX4641EUA MAX4642 MAX4642EGA M |
High-Speed, Low-Voltage, 4? Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4, Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4з, Dual SPST CMOS Analog Switches High-Speed / Low-Voltage / 4 / Dual SPST CMOS Analog Switches High-Speed.Low-Voltage.4<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Dual SPST CMOS Analog Switches 高速,低电压,4з双通道SPST CMOS模拟开 High-Speed, Low-Voltage, 4蟹, Dual SPST CMOS Analog Switches
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AD9260 AD9260AS AD9260EB |
16-Bit High Speed Oversampled A/D Converter High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
|
AD[Analog Devices]
|
24LC64-E/ST 24LC64-E/SN 24LC64-I/MS 24AA64-I/MS 24 |
High-Speed/Low-Power Microcontrollers SERIAL EEPROM|8KX8|CMOS|TSSOP|8PIN|PLASTIC 串行EEPROM的| 8KX8 |的CMOS | TSSOP封装| 8引脚|塑料 High-Speed Microcontroller
|
Microchip Technology, Inc.
|