PART |
Description |
Maker |
MOC3031-M MOC3041SR2M MOC3041SRB2M MOC3041SRB2VM M |
6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK) 1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER (MOC3031M - MOC3043M) 6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MOC3162-M MOC3163-M |
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (600 Volts Peak)
|
Fairchild Semiconductor
|
PR39MF21NIPF PR29MF21NIPF PR39MF21YSZ PR39MF21YIPF |
Zero Cross type DIP 8pin Triac output SSR TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX LEAD FREE, PLASTIC, DIP-8 Zero Cross type DIP 8pin Triac output SSR
|
Sharp Electrionic Components Sharp Electronics, Corp. Sharp Electrionic Compo...
|
PC3SH11YFZ PC3SH11YFZAF PC3SH11YIPB PC3SH11YIPBF |
VDRM : 600V, Reinforced insulation type Non-zero cross type DIP 4 pin Phototriac Coupler for triggering 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER SMT, PLASTIC, DIP-4 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, SMT, PLASTIC, DIP-4
|
Sharp Electrionic Components Sharp Microelectronics of the Americas Sharp Electronics, Corp.
|
PR39MF12NIPF PR39MF11NSZF PR39MF11YSZ PR49MF11NSZ |
Non-Zero Cross type DIP 8pin Triac output SSR
|
Sharp Electrionic Components
|
PR36MF51NSZF PR36MF51NIPF |
Non-Zero Cross type DIP 8pin Triac output SSR
|
Sharp Electrionic Components
|
PR36MF21NSZ PR36MF21NSZF PR36MF21YSZF PR36MF22NSZ |
IT(rms)?.6A, Zero Cross type DIP 8pin Triac output SSR IT(RMS)÷0.6A, ZERO CROSS TYPE DIP 8PIN TRIAC OUTPUT SSR
|
Sharp Electrionic Components
|
PC3ST21NSZ |
VDRM : 600V, Zero cross type DIP 4pin Phototriac Coupler for triggering
|
Sharp Electrionic Component...
|
PC3SD12NTZ PC3SD12YTZAF PC3SD12NXZAF |
VDRM : 600V, Cost effective Non-zero cross type DIP 6pin Phototriac Coupler for triggering 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, PLASTIC, DIP-6/5 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, SMT, PLASTIC, DIP-6/5
|
Sharp Electrionic Components Sharp, Corp. Sharp Electronics, Corp.
|
PR21HD22NSZ |
Low trigger current Zero Cross type DIP 16pin Triac output SSR
|
Sharp Microelectronics
|