PART |
Description |
Maker |
BR24C21FV-E2 |
Standard EEPROMs Plug & Play EEPROMs
|
Rohm
|
BR9040 BR9040F BR9020 BR9020F BR9010FV BR9010F BR9 |
1, 2, and 4k bit EEPROMs for direct connection to serial ports From old datasheet system
|
Rohm
|
SLA24C164-D SLA24C164-D-3 SLA24C164-S SLA24C164-S- |
16 Kbit 2048 x 8 bit Serial CMOS EEPROMs/ I2C Synchronous 2-Wire Bus 16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
|
SIEMENS[Siemens Semiconductor Group]
|
SLA24C01-D-3_P SLA24C01-D_P |
1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
|
Siemens Semiconductor Group
|
24LC02B 24LC02B-MT 24LC01B 24LC01B-MT 24LC02BMODUL |
1K/2KI2CSerialEEPROMsinISOMicromodules 2K IIC Serial EEPROM In ISO Micromodul(2K1M次擦写周ISO模块) Stand-Alone OCV-Based Fuel Gauge 1K/2K I 2 C Serial EEPROMs in ISO Micromodules 1K/2K的I 2 C⑩在ISO微型模块串行EEPROM Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers 1K/2K I 2 C ?Serial EEPROMs in ISO Micromodules
|
MicrochipTechnology Microchip Technology Inc. Microchip Technology, Inc.
|
SLX25C020 25C01 |
2 Kbit (256 x 8 bit) Serial CMOS EEPROMs, Serial Peripheral Interface (SPI) Synchronous Bus From old datasheet system
|
Infineon
|
PIC16F62XT-20E_SS PIC16LF62X-20_P PIC16F62X-20_SO |
FLASH-Based 8-Bit CMOS Microcontroller Code Hopping Encoder(KeeLoq 码编码器) RESISTOR,ARRAY,2.2K, 5% RES ARRAY 100 OHM 4TERM 2RES SMD BBG ECL GATE OR/NOR TRPL; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Triple 2-3-2-Input OR/NOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Enhanced FLASH/EEPROM 8-Bit Microcontroller(驱动/吸收电流高,工作电压2.0~5.5V,微控制 Enhanced FLASH 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory(带ADC转换器和EEPROM数据存储器的闪速CMOS微控制器) Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压3.0~5.5V,微控制 Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压2.5~5.5V,微控制 8-Pin, 8-Bit CMOS Enhanced FLASH Microcontroller with A/D Converter and EEPROM Data Memory(-2.5~5.5V,具ADC,闪速微控制 OTP 8-Bit CMOS Microcontroller with EEPROM Data Memory(工作电压2.5~5.5V路比较器,微控制 2K 5.0V IIC serial EEPROMs(2.5V~5.5V,2K1M次擦写周ISO7816标准) 1K 5.0V IIC serial EEPROMs(2.5V~5.5V,1K1M次擦写周ISO7816标准) 256K 5.0V SPI Bus Serial EEPROM(4.5~5.5V,256K浣?SPI?荤嚎涓茶?EEPROM)
|
Microchip Technology Inc.
|
24C02SC 24C02SC-S 24C02SC-S08 24C02SC-W 24C02SC-W0 |
24C01C-P 24C01C-IP 24C01C-EP 24C01C-SN 24C01C-ISN 24C01C-ESN 24C01C-ST 24C01C-IST 24C01C-EST 24C01C24C01C的IP 24C01C -内啡24C01C24C01C,无法真正传24C01C - ESN24C01C ST24C01C -北京时间24C01C -学报 24C01C-P 24C01C-IP 24C01C-EP 24C01C-SN 24C01C-ISN 24C01C-ESN 24C01C-ST 24C01C-IST 24C01C-EST 24C01C4C01C的IP 24C01C -内啡4C01C4C01C,无法真正传4C01C - ESN4C01C ST4C01C -北京时间24C01C -学报 1K 5.0V IIC serial EEPROMs for smart card(1K5.0V,ISO7816标准,EEPROM) 2K 5.0V IIC serial EEPROMs for smart card(2K5.0V,ISO7816标准,EEPROM) 1K/2K 5.0V I2C Serial EEPROMs for Smart Cards 24C01C-P24C01C-IP24C01C-EP24C01C-SN24C01C-ISN24C01C-ESN24C01C-ST24C01C-IST24C01C-EST
|
Microchip Technology, Inc. Amphenol, Corp. MicrochipTechnology Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
AT25HP512W2-10SI-1.8 AT25HP512W2-10SI-2.7 AT25HP51 |
SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, PDSO16 SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, DSO8 128-byte Page Mode Only for Write Operations
|
Atmel, Corp. ATMEL Corporation http://
|
AT25P1024C1-10CC AT25P1024C1-10CC-2.7 AT25P1024C1- |
SPI Serial EEPROMs SPI Serial EEPROMs 128K X 8 SPI BUS SERIAL EEPROM, PDSO20
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
BR24T1MNUXWGE2 BR24T1MNUXWGTR BR24T32FJWGE2 BR24T3 |
High Reliability Serial EEPROMs Other devices than EEPROM can be connected to the same port, saving microcontroller port High Reliability Serial EEPROMs
|
Rohm
|