PART |
Description |
Maker |
Z1SMA47 Z1SMA75 Z1SMA1 Z1SMA10 Z1SMA100 Z1SMA11 Z1 |
Surface mount Silicon-Zener Diodes (non-planar technology) 320 x 240 pixel format, Mechanical drop in to AGM3224S 43 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 320 x 240 pixel format, CFL backlight available with power harness 56 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 240 x 64 pixel format, LED, or EL Backlight available 17.95 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 320 x 240 pixel format, CFL backlight available with power harness 68 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
SLD10UAA SLD10UAY SLD10UBA SLD10UBB SLD10UBY SLD10 |
2-OUTPUT DC-DC REG PWR SUPPLY MODULE 320 x 240 pixel format, CFL backlight available with power harness SLD10系列10A非隔离式DC / DC转换器为5V.3V输入双输 320 x 240 pixel format, LED or CFL Backlight SLD10系列10A非隔离式DC / DC转换器为5V.3V输入双输 SLD10 Series . 10A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output SLD10系列10A非隔离式DC / DC转换器为5V.3V输入双输 SLD10 Series . 10A Non-Isolated DC/DC Converter 5V 3.3V Input Dual Output SLD10 Series . 10A Non-Isolated DC/DC Converter 5V/ 3.3V Input Dual Output
|
POWER-ONE INC Electronic Theatre Controls, Inc. POWER-ONE[Power-One]
|
02CZ4.7Y 02CZ5.1X 02CZ5.1Y 02CZ5.1Z 02CZ27 02CZ4.3 |
5015 RR 26#16 SKT PLUG L/C 240 x 64 pixel format, EL and LED backlight 40 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor CAP 4700PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 5015 RR 26#16 PIN PLUG Chip-on-Glass (COG) Technology, 8 Character x 1 Line 二极管(恒压规例中的应用。参考电压应用。) DIODE (CONSTANT VOLTAGE REGULATION APPLICATIONS. REFERENCE VOLTAGE APPLICATIONS.) 二极管(恒压规例中的应用。参考电压应用。) Fixed bridge, 10-pos. - FB 10- URTK/SP 二极管(恒压规例中的应用。参考电压应用。) 8 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 二极管(恒压规例中的应用。参考电压应用。) 240 x 64 pixel format, CFL, LED, or EL Backlight available 二极管(恒压规例中的应用。参考电压应用。) 240 x 320 pixel format (portrait mode), Compact LCD size
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation Toshiba, Corp.
|
R8520-00-C12 R8520U-00-C12 |
240 x 64 pixel format, CFL, LED, or EL Backlight available POSITION SENSITIVE PHOTOMULTIPLIER TUBES
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
SX400-U1D SX400-U1B SX400 SX400-U1A SX400-U1C |
400瓦AC / DC电源 240 x 64 pixel format, CFL, LED, or EL Backlight available 400 WATT AC/DC POWER SUPPLY
|
CANDD[C&D Technologies]
|
A29L160TG-120 A29L160UM-90 A29L160UV-90 A29L160UM- |
122 x 32 pixel format, LED Backlight available 2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory LOGIC PROBE 50MHZ Bench Power Supply; Output Current:3.3A; Calibrated:No; Line Regulation Constant Voltage:50 mV; Load Regulation Constant Voltage:0.5% 200 mV; Ripple Voltage:25mV; Supply Voltage Max:265VAC; Supply Voltage Min:100VAC 128 x 64 pixel format, LED Backlight available Replaced by PT78NR152,PT78ST153 : 5.25Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 240 x 128 pixel format, CFL Backlight with power harness
|
AMIC Technology Corporation
|
IRG4BC20UDS IRG4BC20UD-S IRG4BC20UD-STRR IRG4BC20U |
320 x 240 pixel format, LED or CFL Backlight 绝缘栅双极型晶体管,超快软恢复二极管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.85V,@和VGE \u003d 15V的,集成电路\u003d 6.5A TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 6.5A I(C) | TO-263AB INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
|
International Rectifier, Corp. IRF[International Rectifier]
|
A3150JLT A3150JUA 3150 A3150LT A3150UA A3150UA-LT |
IC SENSOR TOUCH/PROX 1CHAN 8DIP CAP 0.01UF 1500V 10% X7R SMD-1825 TR-7 PLATED-NI/SN 320 x 240 pixel format, CFL backlight available with power harness PROGRAMMABLE/ CHOPPERSTABILIZED/ HALL-EFFECT SWITCH PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH PROGRAMMABLE CHOPPERSTABILIZED HALL-EFFECT SWITCH
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
PX400 PX400-U3A PX402 PX402-U3A PX402-U3B PX402-U4 |
240 x 64 pixel format, CFL, LED, or EL Backlight available 400瓦AC / DC电源 400 WATT AC/DC POWER SUPPLY 400瓦AC / DC电源
|
CANDD[C&D Technologies]
|
150UR60DL 150U60DL 150U80DL 150UR100DL 150UR100D 1 |
STANDARD RECOVERY DIODES 600V 150A Std. Recovery Diode in a DO-205AA (DO-8)package 600V150A性病。恢复二极管中的DO - 205AA(请 8)封 320 x 240 pixel format, CFL backlight available with power harness 标准恢复二极 800V 150A Std. Recovery Diode in a DO-205AA (DO-8)package 800V50A性病。恢复二极管中的DO - 205AA(请 8)封
|
IRF[International Rectifier] Micro Commercial Components, Corp. International Rectifier, Corp. Microsemi, Corp.
|
FFPF30U20S FFPF30U20STU |
Ultrafast with soft recovery ULTRA FAST RECOVERY POWER RECTIFIER 240 x 64 pixel format, CFL, LED, or EL Backlight available 30 A, 200 V, SILICON, RECTIFIER DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
A29L400UG-90U A29L400UV-90U A29L400TM-90 A29L400TM |
512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory 12k × 8 256 × 16位的CMOS 3.0伏只,引导扇区闪 240 x 128 pixel format, LED or EL Backlight 128 x 64 pixel format, LED Backlight available Replaced by PT78ST109 : 9Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 CARRY CASE FOR 300 SERIES DMM 640 x 480 pixel format, CCFL Backlight
|
http:// AMIC Technology, Corp. AMIC Technology Corporation
|