PART |
Description |
Maker |
AM29F200A-1 AM29F200AB-120DGC AM29F200AB-120DGC1 A |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash MemoryDie Revision 1 PCB COPPER CLAD 6X9 1/32 2-SIDE DIN Audio Connector; Number of Contacts:5; Contact Termination:Solder; Mounting Type:Panel; Gender:Receptacle; Contact Plating:Silver; Series:C091A 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 256K X 8 FLASH 5V PROM, 90 ns, UUC42 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 M39012 MIL RF CONNECTOR 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
SLA24C01-D SLA24C01-D-3 SLA24C01-S SLA24C01-S-3 SL |
1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus 1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs I2C Synchronous 2-Wire Bus 1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs/ I2C Synchronous 2-Wire Bus
|
SIEMENS[Siemens Semiconductor Group]
|
SLA24C01-D-3_P SLA24C01-D_P |
1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
|
Siemens Semiconductor Group
|
FM18W08-SGTR |
256-Kbit (32 K 8) Wide Voltage Bytewide F-RAM Memory
|
Cypress
|
M2412807 M24128-BF M24C64-W |
128 Kbit, 64 Kbit and 32 Kbit serial I?C bus EEPROM
|
STMicroelectronics
|
29PL256N S29PL127N65GAW003 S29PL127N65GAWW00 S29PL |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
|
SPANSION
|
M95256 M95256BN M95256-BN1T M95256-BN3T M95256-BN5 |
256 Kbit (32K x8)serial SPI bus EEPROM with high speed clock, operating = 2.5 V to 5.5 V 256 Kbit (32K x8)serial SPI bus EEPROM with high speed clock, operating = 4.5 V to 5.5 V 128 Kbit (16K x8)serial SPI bus EEPROM with high speed clock, operating = 2.7 V to 3.6 V 128 Kbit (16K x8)serial SPI bus EEPROM with high speed clock, operating = 4.5 V to 5.5 V 256/128 Kbit Serial SPI Bus EEPROM With High Speed Clock 128 Kbit (16K x8)serial SPI bus EEPROM with high speed clock, operating = 1.8 V to 3.6 V 128 Kbit (16K x8)serial SPI bus EEPROM with high speed clock, operating = 2.5 V to 5.5 V 256 Kbit (32K x8)serial SPI bus EEPROM with high speed clock, operating = 1.8 V to 3.6 V 256 Kbit (32K x8)serial SPI bus EEPROM with high speed clock, operating = 2.7 V to 3.6 V
|
STMicroelectronics ST Microelectronics SGS Thomson Microelectronics
|
Q67100-H9020 SDE2526 Q67100-H3262 Q67100-H3261 SDE |
Nonvolatile Memory 2-Kbit E2PROM with I2C Bus Interface with Extended Temperature Range 非易失性内与I2C总线接口与千位E2PROM的扩展温度范 OSC 5V SMT 7X5 CMOS PROGRM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 Nonvolatile Memory 2-Kbit EEPROM with IIC Bus Interface with Extended Temperature Range(2-K位EEPROM(带IIC总线接口,扩展温度范围)) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
ST1200 |
Memory Card IC 256 bit OTP EPROM with Lock-Out
|
ST
|