PART |
Description |
Maker |
LT1795IFEPBF LT1795IFETRPBF |
Dual 500mA/50MHz Current Feedback Line Driver Amplifier
|
Linear Technology
|
EL2252CN EL2252 EL2252CM |
Dual 50MHz Comparator/Pin Receiver
|
INTERSIL[Intersil Corporation]
|
LTC6244HVHDD LTC6244HVHDDPBF LTC6244HVHDDTR LTC624 |
Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
|
Linear Technology
|
DBF050180 DBF05018030KVP3000PF/-20R230 |
1 FUNCTIONS, 30000 V, 60 A, FEED THROUGH CAPACITOR Feed-Through Capacitors with Conductor Rod
|
VISHAY DRALORIC Vishay Siliconix
|
LT1361CS8PBF LT1362CSPBF LT1361CS8TR |
Dual and Quad 50MHz, 800V/µs Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 1500 uV OFFSET-MAX, 37 MHz BAND WIDTH, PDSO8 Dual and Quad 50MHz, 800V/µs Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD OP-AMP, 1500 uV OFFSET-MAX, 37 MHz BAND WIDTH, PDSO16
|
Linear Technology, Corp.
|
OP-260ARC/883 OP-260 OP260 OP-260GS OP-260GP OP-26 |
AC 9C 6#12 3#8 SKT RECP WALL DUAL OP-AMP, 6000 uV OFFSET-MAX, 90 MHz BAND WIDTH, CQCC20 Dual High Speed,Current Feedback, OP AMP(高电流反馈双运算放大器) DUAL / HIGH-SPEED / CURRENT FEEDBACK / OPERATIONAL AMPLIFIER DUAL, HIGH-SPEED, CURRENT FEEDBACK, OPERATIONAL AMPLIFIER
|
Analog Devices, Inc.
|
SMH4814NCR00 SMH4814SCR01 |
Dual Feed Active-ORing Programmable Hot Swap Controller 双饲料有ORing提供可编程热插拔控制
|
Summit Microelectronics, Inc.
|
CDSUR4448-HF |
Halogen Free Switching Diodes, V-RRM=100V, V-R=80V, P-D=200mW, I-F=125mA
|
Comchip Technology
|
2450-039-X5R0-471M |
DISCOIDAL FEED-THRU CAPACITOR Solder Mount 1 FUNCTIONS, 500 V, FEED THROUGH CAPACITOR
|
TUSONIX, Inc. TUSONIX INC
|
CMPSH-3SE CMPSH-3AE CMPSH-3CE CMPSH-3E |
SMD Schottky Diode Dual: High Current: Common Cathode SMD Schottky Diode Dual: High Current: In Series SMD Schottky Diode Single: High Current SMD Schottky Diode Dual: High Current: Common Anode ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
2450-001-X5P0-211K |
DISCOIDAL FEED-THRU CAPACITOR 1 FUNCTIONS, 500 V, 20 A, FEED THROUGH CAPACITOR
|
TUSONIX, Inc.
|