PART |
Description |
Maker |
HGT1S12N60A4S HGTG12N60A4 HGTP12N60A4 FN4656 HGT1S |
600V, SMPS Series N-Channel IGBT From old datasheet system 600V/ SMPS Series N-Channel IGBT 600V, SMPS Series N-Channel IGBT(600V,SMPS系列 N沟道绝缘栅双极型晶体 54 A, 600 V, N-CHANNEL IGBT, TO-247 600V, SMPS Series N-Channel IGBT(600V,SMPS系列 N沟道绝缘栅双极型晶体 54 A, 600 V, N-CHANNEL IGBT, TO-263AB 600V, SMPS Series N-Channel IGBT 54 A, 600 V, N-CHANNEL IGBT, TO-220AB
|
INTERSIL[Intersil Corporation] Intersil, Corp. Fairchild Semiconductor, Corp.
|
FGB20N6S2D FGH20N6S2D FGB20N6S2DT FGP20N6S2D |
600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode Switch Mode Power Supply; Output Power:300W; No. of Outputs:1; Output 1 VDC :5VDC; Output Current 1:60A; Power Supply Mounting:Chassis; Output Current:60A; Output Power Max:300W; Output Voltage:5VDC; Series:JWS RoHS Compliant: Yes 600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V/ SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V, SMPS II Series N-Channel IGBT with Stealth Diode, TO-263/D2PAK Package 600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth TM Diode
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
HGTG30N60A4D |
600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600V/ SMPS Series N-Channel IGBT with
|
Fairchild Semiconductor
|
FGK60N6S2D |
600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth TM Diode 600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode INDUSTRIAL POWER SUPPLY, 85-265VAC/120-330VDC INPUT, 24V@14A RoHS Compliant: Yes
|
http:// Fairchild Semiconductor Corporation
|
HGT1S7N60A4S9A HGTG7N60A4 HGTP7N60A4 |
600V, SMPS Series N-Channel IGBT 34 A, 600 V, N-CHANNEL IGBT, TO-263AB 600V/ SMPS Series N-Channel IGBT 600V SMPS Series N-Channel IGBT
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HGTG40N60A4 FN4782 |
600V/ SMPS Series N-Channel IGBT 600V, SMPS Series N-Channel IGBT From old datasheet system
|
INTERSIL[Intersil Corporation]
|
HGTP3N60A4 HGTD3N60A4 HGTD3N60A4S HGTP3N60A4NL |
600V, NPT Series N-Channel IGBT 600V/ SMPS Series N-Channel IGBT 600V, SMPS Series N-Channel IGBT
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
HGTP3N60A4D HGT1S3N60A4DS FN4818 |
600V/ SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600V SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode From old datasheet system
|
INTERSIL[Intersil Corporation]
|
HGT1N40N60A4 HGT1N40N60A4D |
600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600V的,开关电源系列N沟道IGBT的与反平行Hyperfast二极 600V/ SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
|
Fairchild Semiconductor, Corp.
|
HGTG30N60B3D HGT4E30N60B3DS |
60A/ 600V/ UFS Series N-Channel IGBT 60A 600V UFS Series N-Channel IGBT 60A, 600V, UFS Series N-Channel IGBT 2.5V 36-mc CPLD - NOT RECOMMENDED for NEW DESIGN CONNECTOR ACCESSORY 60 A, 600 V, N-CHANNEL IGBT, TO-268AA
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
FQI8N60C FQB8N60C FQB8N60CTM |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|