PART |
Description |
Maker |
FGB20N6S2D FGH20N6S2D FGB20N6S2DT FGP20N6S2D |
600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode Switch Mode Power Supply; Output Power:300W; No. of Outputs:1; Output 1 VDC :5VDC; Output Current 1:60A; Power Supply Mounting:Chassis; Output Current:60A; Output Power Max:300W; Output Voltage:5VDC; Series:JWS RoHS Compliant: Yes 600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V/ SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V, SMPS II Series N-Channel IGBT with Stealth Diode, TO-263/D2PAK Package 600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth TM Diode
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
HGTP12N60A4D HGT1S12N60A4DS HGTG12N60A4D HGTG12N60 |
600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 54 A, 600 V, N-CHANNEL IGBT, TO-247 600V/ SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 47uF; Voltage: 25V; Case Size: 5x11 mm; Packaging: Bulk
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FGK60N6S2D |
600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth TM Diode 600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode INDUSTRIAL POWER SUPPLY, 85-265VAC/120-330VDC INPUT, 24V@14A RoHS Compliant: Yes
|
http:// Fairchild Semiconductor Corporation
|
FGB20N6S2 FGH20N6S2 FGP20N6S2 FGB20N6S2T |
28 A, 600 V, N-CHANNEL IGBT, TO-263AB TO-263AB, 3 PIN 600V/ SMPS II Series N-Channel IGBT 600V, SMPS II Series N-Channel IGBT, TO-263/D2PAK Package
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FGH40N6S2D FGH40N6S2DNL |
75 A, 600 V, N-CHANNEL IGBT, TO-247 600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V/ SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth TM Diode
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
HGTG20N60A4D FN4790 HGTG20N60A4 |
600V/ SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode From old datasheet system
|
INTERSIL[Intersil Corporation]
|
HGT1S12N60A4S |
600V, SMPS Series N-Channel IGBTs
|
Fairchild Semiconductor
|
HGTG20N60A4D09 |
600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
|
Fairchild Semiconductor
|
HGTG40N60A4 HGTG40N60A4NL |
600V, SMPS Series N-Channel IGBT 75 A, 600 V, N-CHANNEL IGBT, TO-247
|
Intersil, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
FQP5N60C FQPF5N60C |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|