PART |
Description |
Maker |
FDS8858CZ |
Dual N & P-Channel PowerTrench? MOSFET N-Channel: 30V, 8.6A, 17.0mΩ P-Channel: -30V, -7.3A, 20.5mΩ Dual N & P-Channel PowerTrench㈢ MOSFET N-Channel: 30V, 8.6A, 17.0mヘ P-Channel: -30V, -7.3A, 20.5mヘ
|
Fairchild Semiconductor
|
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
FDP6644S FDB6644S |
30V N-Channel PowerTrench SyncFET TM 30V N-Channel PowerTrench SyncFET⑩
|
FAIRCHILD[Fairchild Semiconductor]
|
FDB6676 FDP6676 |
30V N-Channel Logic Level PowerTrench MOSFET From old datasheet system 30V N-Channel Logic Level PowerTrench MOSFET 30V N-Channel Logic Level PowerTrench MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FDU8874 FDD8874 |
N-Channel PowerTrench MOSFET 30V/ 116A N-Channel PowerTrench MOSFET 30V, 116A 35 A, 30 V, 0.0064 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FDS6690AS08 FDS6690AS |
30V N-Channel PowerTrench㈢ SyncFET⑩ 30V N-Channel PowerTrench庐 SyncFET??/a> 30V N-Channel PowerTrench? SyncFET?/a>
|
Fairchild Semiconductor
|
FDP8896 |
N-Channel PowerTrench MOSFET 30V, 92A, 5.9m 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor
|
FDS6572A |
30V N-Channel PowerTrench MOSFET 16000 mA, 20 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 20V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MTN2N70I3 |
N-Channel Enhancement Mode Power MOSF
|
Cystech Electonics Corp.
|
|