PART |
Description |
Maker |
EDI8F8512C85B6I EDI8F8512LP85BSC EDI8F8512C85BSI E |
Monolithic 1A Step-Down Regulator with Low Quiescent Current; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R Monolithic 1A Step-Down Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 4-Channel DC/DC Controller; Temperature Range: -40°C to 85°C; Package: 20-QFN T&R Monolithic 600mA Step-Down Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP Monolithic 600mA Step-Down Regulator with Low Quiescent Current; Temperature Range: -40°C to 85°C; Package: 10-MSOP High Frequency PWM Step-Up Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP Monolithic 2A Step-Down Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R Monolithic 2A Step-Down Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R x8的SRAM模块 Monolithic 600mA Step-Down Regulator with Low Quiescent Current; Temperature Range: -40°C to 85°C; Package: 10-MSOP x8的SRAM模块 Monolithic 600mA Step-Down Regulator with Low Quiescent Current; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R x8的SRAM模块
|
Electronic Theatre Controls, Inc. Glenair, Inc. Amphenol, Corp.
|
EL7554IREZ-T13 EL755406 EL7554IREZ-T7 EL7554 EL755 |
Monolithic 4 Amp DC-DC Step-Down Regulator
|
INTERSIL[Intersil Corporation]
|
EL7551C EL7551CU |
Monolithic 1 Amp DC:DC Step-down Regulator
|
ELANTEC[Elantec Semiconductor]
|
LTC3602EUFTRPBF LTC3602IFETRPBF LTC3602EFEPBF |
2.5A, 10V, Monolithic Synchronous Step-Down Regulator; Package: QFN; No of Pins: 20; Temperature Range: -40°C to 125°C 5.2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PQCC20 2.5A, 10V, Monolithic Synchronous Step-Down Regulator; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 5.2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO16 2.5A, 10V, Monolithic Synchronous Step-Down Regulator; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 5.2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
ST1CC40PUR ST1CC40DR ST1CC40 |
3 A, 850 KHz, MONOLITHIC SYNCHRONOUS STEP-DOWN CONSTANT CURRENT LED DRIVER 3 A monolithic step-down current source with synchronous rectification
|
ST Microelectronics STMicroelectronics
|
LT3508EFEPBF LT3508EFETRPBF |
Dual Monolithic 1.4A Step-Down Switching Regulator; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 3.2 A DUAL SWITCHING CONTROLLER, 1060 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
LTC1515CS8-3.3/5TRPBF LTC1515CS8-3/5TR |
Step-Up/Step-Down Switched Capacitor DC/DC Converters with RESET; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
LINEAR TECHNOLOGY CORP
|
LTC1515CS8-3.3/5PBF |
Step-Up/Step-Down Switched Capacitor DC/DC Converters with RESET; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
LINEAR TECHNOLOGY CORP
|
LTC1514-3.3 1514I3 1514I5 LTC1514IS8-3.3TRPBF LTC1 |
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 0.05 A SWITCHED CAPACITOR REGULATOR, 800 kHz SWITCHING FREQ-MAX, PDSO8 Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator(3.3V输出,步升/步降开关电容DC/DC变换器(带低电池比较器)) Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. Linear Technology Corporation
|
LTC1876EGTR |
High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|
AD847 AD847AQ AD847AR AD847JN AD847JR AD847SQ AD84 |
High Speed Low Power Monolithic Op Amp Gigabit Ethernet: 1.25 GBd 1300 nm Laser Transceiver in Low Cost 1 x 9 Package Style High Speed, Low Power Monolithic Op Amp
|
AD[Analog Devices] HP
|
XC9101DE0AKR XC9101DE0AKL XC9101CE0AKR XC9101CE0AK |
PWM Controlled Step-Up DC/DC Controllers PWM控制升压型DC / DC控制 PWM Controlled Step-Up DC/DC Controllers PWM控制升压DC / DC控制 3M™ SCOTCHMATE™ RECLOSABLE FASTENER HOOK SJF3526N BLACK 3/4" PWM控制升压型DC / DC控制
|
TOREX SEMICONDUCTOR LTD. Torex Semiconductor, Ltd.
|