PART |
Description |
Maker |
TSC51C1XXX-A-12CAR TSC51C1XXX-A-12CHB TSC8051C1XXX |
30MM FLUSH LIT EXT RED PB SPRING RTRN CONNECTOR ACCESSORY 连接器附 8-Bit Microcontroller for Digital Computer Monitors 8位数字的电脑显示器微控制 Aluminum Electrolytic Capacitor; Capacitor Type:High Temperature; Voltage Rating:10VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:220uF RoHS Compliant: No CAP 1.5UF 1600VDC POLY FILM AXL Aluminum Electrolytic Capacitor; Capacitor Type:High Temperature; Voltage Rating:16VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:220uF RoHS Compliant: No CAP 1800PF 3KV CERAMIC DISC Y5P Film Capacitor; Voltage Rating:16VDC; Capacitor Dielectric Material:Polyphenylene Sulphide; Capacitance:56000pF; Capacitance Tolerance: /- 10%; Leaded Process Compatible:Yes; Package/Case:1210; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
Mimix Broadband, Inc. HIROSE ELECTRIC Co., Ltd. Microchip Technology, Inc. NEC, Corp. TEMIC Semiconductors
|
DS1249W DS1249W-150-IND DS1249W-100 DS1249W-100-IN |
3.3V 2048kb Nonvolatile SRAM 3.3V2048kb非易失SRAM CAPACITOR, CLASS Y2 33NFCAPACITOR, CLASS Y2 33NF; Capacitance:33nF; Voltage rating, AC:250V; Voltage rating, DC:2500V; Capacitor dielectric type:Polypropylene; Series:B81122; Tolerance, :20%; Tolerance, -:20%; Temp, op. 3.3 2048kb非易失SRAM CAPACITOR, CLASS Y2 27NFCAPACITOR, CLASS Y2 27NF; Capacitance:27nF; Voltage rating, AC:250V; Voltage rating, DC:2500V; Capacitor dielectric type:Polypropylene; Series:B81122; Tolerance, :20%; Tolerance, -:20%; Temp, op. CAPACITOR, CLASS Y2 330NFCAPACITOR, CLASS Y2 330NF; Capacitance:330nF; Voltage rating, AC:250V; Voltage rating, DC:2500V; Capacitor dielectric type:Polypropylene; Series:B81122; Tolerance, :20%; Tolerance, -:20%; Temp, op. 3.3V 2048k Nonvolatile SRAM
|
Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
UPC8002 UPC8002GR-E1 UPC8002GR-E2 |
SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES Film Capacitor; Voltage Rating:63VDC; Capacitor Dielectric Material:Polyester; Capacitance:220000pF; Capacitance Tolerance: /- 10%; Lead Pitch:7.5mm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Series:184 RoHS Compliant: Yes
|
NEC Corp.
|
HCA0207 |
Bipolar Transistor; Package/Case:TO-3P; Current Rating:12A; Voltage Rating:800V Carbon Film Resistors, Power Type From old datasheet system
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
REC15 REC15-4824SRWBZ REC15-1205DRWB REC15-1205DRW |
CAPACITOR, 1000UF 16V CAPACITOR, 1000UF 16V; CAPACITANCE:1000UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:YXF; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:16VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to C; Capacitance:47uF RoHS Compliant: Yes Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:16VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:100uF RoHS Compliant: Yes ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉
|
Recom International Pow... RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
MH32S72BBFA-6 |
Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:7.5VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:780uF
|
Mitsubishi Electric Corporation
|
EDS6432AFBH-TT |
Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:22uF RoHS Compliant: Yes 6400位SDRAM的抗水树(宽温度范围
|
Elpida Memory, Inc.
|
SFA44S10K375B-F SFA44S12.5K375B-F SFA44S15K375B-F |
Polypropylene Film Capacitor; Capacitance:25uF; Capa Terminal Type:Solder Lug; Series:SF; Dielectric Matne; Leaded Process Compatible:No; Operating Temp. Mi CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 25 uF, CHASSIS MOUNT CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 17.5 uF, CHASSIS MOUNT ROHS COMPLIANT CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 10 uF, CHASSIS MOUNT ROHS COMPLIANT Motor-Run and Power Supply Capacitors
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electr...
|
A23L3616V-120 A23L3616 A23L36161 A23L36161-100 A23 |
RES MF 5110 OHM 1%0.250W@ 70C 100PPM/TC AXL 8米16 / 16米x 8位CMOS掩膜ROM VGA VIDEO CABLE W/ FERRITE CORE, 5 FT, MF Power Thick Film Resistor; Series:MK; Resistance:200ohm; Resistance Tolerance: 1%; Power Rating:0.75W; Operating Temperature Range:-55 C to C; Resistor Element Material:Thick Film; Voltage Rating:400VDC RoHS Compliant: NA 8M X 16 / 16M X 8 BIT CMOS MASK ROM
|
AMIC Technology, Corp. http:// AMIC Technology Corporation AMICC[AMIC Technology]
|
SV03 SV01KA101JAA SV01KA101KAA SV01KA101MAA SV01HA |
Silver Mica Capacitor; Capacitance:910pF; Capacitance Tolerance: /- 5%; Series:CD19; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:Yes RoHS Compliant: Yes High Voltage MLC Radials (SV Style) 子午线轮胎高压刚果解放运动(希风格) XTAL,OSC 50.0MHZ 3V 6P SMT POT 2.0K OHM 1/4 SQ CERM SL ST Silver Mica Capacitor; Capacitance:910pF; Capacitance Tolerance: /- 5%; Series:CD19; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:200pF; Capacitance Tolerance: /- 5%; Series:CD10; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3.6mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:200pF; Capacitance Tolerance: /- 2%; Series:CD10; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3.6mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:910pF; Capacitance Tolerance: 5%; Series:CD19; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:910pF; Capacitance Tolerance: /- 2%; Series:CD19; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No LUGS High Voltage MLC Radials (SV Style)
|
AVX, Corp. AVX[AVX Corporation]
|
SA110A SA11A SA13ARL SA43ARL SA33ARL SA24ARL SA14A |
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors 500 Watt Peak PowerMiniMOSORB Zener Transient Voltage Suppressors 500 W Peak Power MiniMOSORB Zener Transient Voltage Suppressor Unidirectional 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors STANDOFF,M-F,1/4H,4-40X.25SS Ceramic Multilayer Capacitor; Capacitor Type:General Purpose; Capacitance:3300pF; Capacitance Tolerance: 10%; Voltage Rating:50VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:1206; Termination:SMD RoHS Compliant: Yes Ceramic Multilayer Capacitor; Capacitance:1000pF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:25V; Dielectric Characteristic:X7R; Package/Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor Ceramic Multilayer Capacitor; Capacitor Type:General Purpose; Capacitance:0.01uF; Capacitance Tolerance: 5%; Voltage Rating:25VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:0805; Termination:SMD RoHS Compliant: Yes
|
On Semiconductor
|