PART |
Description |
Maker |
BT148-500R |
Thyristors logic level
|
Tiger Electronic Co.,Ltd
|
C106M-600V |
Thyristors logic level
|
Tiger Electronic Co.,Ltd
|
MAC97A8RLRP |
Sensitive Gate Triacs Silicon Bidirectional Thyristors 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
ON Semiconductor
|
BUK9614-55A BUK9514-55A |
Aluminum Snap-In Capacitor; Capacitance: 820uF; Voltage: 160V; Case Size: 35x25 mm; Packaging: Bulk TrenchMOS logic level FET TrenchMOS TM logic level FET TrenchMOS(tm) logic level FET
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
FT0405MH FT0404BH FT0407DH FT0408DH FT0404DH FT040 |
600 V, 10 mA logic level TRIAC 400 V, 10 mA logic level TRIAC 200 V, 10 mA logic level TRIAC 200 V, 5 mA logic level TRIAC 600 V, 5 mA logic level TRIAC 400 V, 5 mA logic level TRIAC Logic Level TRIACs 逻辑电平双向可控
|
Fagor Electronic Theatre Controls, Inc.
|
PHD108NQ03LT PHB108NQ03LT PHP_PHB_PHD108NQ03LT-02 |
TrenchMOS(tm)logic level FET From old datasheet system TrenchMOS TM logic level FET TrenchMOS logic level FET 75 A, 25 V, 0.0075 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
BUK118-50DL BUK118-50DL_1 |
Monolithic temperature and overload protected logic level power MOSFET in TOPFET2 technology From old datasheet system Logic level TOPFET
|
NXP Semiconductors Philips
|
PMV45EN |
N-channel TrenchMOS logic level FET Logic-level compatible Very fast switching
|
TY Semiconductor Co., Ltd
|
MM74HC4049 MM74HC4050 MM74HC4049M MM74HC4049MTC MM |
ANA AIR CORE TACH/SPD DRV; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDIP16 Hex Inverting Logic Level Down Converter • Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
BT136B BT136B-500 BT136B-500F BT136B-500G BT136B-6 |
Transient Voltage Suppressor Diodes 双向可控 Triacs 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|