PART |
Description |
Maker |
BD442 BD439 BD441 4130 BD440 -BD441 -BD442 |
Complemetary Silicon Power Transistors(浜?ˉ纭?????浣??) From old datasheet system COMPLEMENTARY SILICON POWER TRANSISTORS Complemetary Silicon Power Transistors(互补硅功率晶体管)
|
STMICROELECTRONICS[STMicroelectronics] 意法半导
|
TIP131 |
Complemetary Silicon Power Darlington Transistors(互补硅功率达林顿晶体
|
意法半导
|
MJE340 MJE350 4171 |
From old datasheet system Complemetary Silicon Power Transistors(互补硅功率晶体管)
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导
|
2SD2098 |
NPN Silicon Epitaxial Planar Tra nsistor
|
SeCoS Halbleitertechnologie GmbH
|
TIP142 TIP147 TIP146 TIP145 TIP141 TIP140 4132 |
Complemetary Silicon Power Darlington Transistors(浜?ˉ纭????揪??】?朵?绠? From old datasheet system COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
|
STMicro
|
2N5655 2N5656 2N5657 |
Power 1A 350V NPN POWER TRANSISTORS NPN SILICON Plastic NPN Silicon High-Voltage Power Transistor
|
ONSEMI[ON Semiconductor]
|
BD237 ON0191 |
From old datasheet system POWER TRANSISTORS NPN SILICON Plastic Medium Power Silicon NPN Transistor CASE 77-09 TO-225AA TYPE
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
BYP54-800 BYP53 BYP53-100 BYP53-150 BYP53-200 BYP5 |
25A Silicon Power Rectifier Diode 25 A, 800 V, SILICON, RECTIFIER DIODE 25A Silicon Power Rectifier Diode 25 A, 500 V, SILICON, RECTIFIER DIODE 25A Silicon Power Rectifier Diode 25 A, 75 V, SILICON, RECTIFIER DIODE 25A Silicon Power Rectifier Diode 25 A, 150 V, SILICON, RECTIFIER DIODE 25 A, 75 V, SILICON, RECTIFIER DIODE PLASTIC, 2 PIN 25 A, 150 V, SILICON, RECTIFIER DIODE PLASTIC, 2 PIN 25 A, 700 V, SILICON, RECTIFIER DIODE PLASTIC, 2 PIN 25 A, 200 V, SILICON, RECTIFIER DIODE PLASTIC, 2 PIN 25 A, 400 V, SILICON, RECTIFIER DIODE PLASTIC, 2 PIN
|
ZETEX PLC Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes, Inc.
|
NE5531079A-T1 NE5531079A-T1-A NE5531079A-T1A-A |
7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS SILICON POWER MOS FET
|
California Eastern Labs
|
2SB805 2SB806 2SB806-T1 2SB805-T2 2SB805-T1 2SB806 |
Low frequency power amplification Silicon transistor PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
|
NEC[NEC]
|
NTE5906 NTE6005 NTE5980 NTE5907 NTE5995 NTE5986 NT |
Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 400V. Average forward current 40A. Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 1600V. Average forward current 40A. Silicon power rectifier diode. Anode to case. Max repetitive peak reverse voltage 1000V. Average forward current 40A. Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 1000V. Average forward current 40A. Receptacle With A Wire Wrap Tail Silicon Power Rectifier Diode / 40 Amp Silicon Power Rectifier Diode 40 Amp NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp 40 A, 300 V, SILICON, RECTIFIER DIODE 40 A, 200 V, SILICON, RECTIFIER DIODE
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
S35100 R35140 S3560 S3520 S3580 S3540 R3580 1N4137 |
Silicon Power Rectifier 70 A, 600 V, SILICON, RECTIFIER DIODE, DO-203AB Silicon Power Rectifier 70 A, 1400 V, SILICON, RECTIFIER DIODE, DO-203AB Silicon Power Rectifier 70 A, 1600 V, SILICON, RECTIFIER DIODE, DO-203AB
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|