PART |
Description |
Maker |
AT49BV2048 AT49LV2048 AT49LV2048A AT49LV2048A-70RC |
2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-VoltageFlash Memory 2兆位56 × 8/128K × 16)单2.7伏电池电压⑩闪存 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-VoltageFlash Memory 128K X 16 FLASH 3V PROM, 70 ns, PDSO44 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-VoltageFlash Memory 128K X 16 FLASH 2.7V PROM, 90 ns, PDSO48 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-VoltageFlash Memory 128K X 16 FLASH 2.7V PROM, 120 ns, PDSO48 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage⑩ Flash Memory 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage Flash Memory 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage?/a> Flash Memory
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AT28C010-12JC AT28C010-12JI AT28C010-12PC AT28C010 |
From old datasheet system 1 Megabit (128K x 8) 1 Megabit 128K x 8 Paged CMOS E2PROM
|
ATMEL Corporation
|
28C010TRTDI-15 28C010TRPFB-15 28C010TRT2DI-12 28C0 |
1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DIP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 150 ns, DIP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 150 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 120 ns, DFP32 POT 200K OHM THUMBWHEEL CERM ST 128K X 8 EEPROM 5V, 200 ns, DFP32 150 x 32 pixel format, LED Backlight available 128K X 8 EEPROM 5V, 120 ns, DIP32 Low Profile Power Inductor; Inductor Type:Power; Inductance:1uH; Inductance Tolerance: /- 20 %; Series:HC2LP; Core Material:Ferrite; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes CONNECTOR ACCESSORY Film Capacitor; Voltage Rating:400VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.068uF; Capacitance Tolerance: /- 10%; Lead Pitch:15mm; Leaded Process Compatible:No; Package/Case:F; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
http:// Maxwell Technologies, Inc
|
AT49HF010 AT49HF010-45JC AT49HF010-45JI AT49HF010- |
1-Megabit (128K x 8) 5-volt only CMOS flash memory, 40mA active, 0.3mA standby THERMISTOR, NTC; Series:B578; Thermistor type:NTC; Resistance:3kR; Tolerance, resistance: /-1%; Beta value:3988; Temperature, lower limit, beta DB25SC37 DSUB 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PDIP32 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PQCC32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AM28F010A AM28F010A-120EC AM28F010A-120ECB AM28F01 |
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory with Embedded Algorithms 0.5MM, ZIF, SMT, 42 POSITION, EMBOSS TAPE T&R RoHS Compliant: Yes CAP 100PF 1500V 20% NP0(C0G) SMD-1808 TR-13 PLATED-NI/SN 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位28亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 200 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 120 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 150 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PDSO32
|
Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
AT27BV010 AT27BV010-15TC AT27BV010-15TI AT27BV010- |
AML24 Series Rocker Switch, SPDT, 2 position, Gold Contacts, 0.110 in x 0.020 in (Solder or Quick-Connect), Non-Lighted, Rectangle, Snap-in Panel 128K X 8 OTPROM, 90 ns, PQCC32 1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM 128K X 8 OTPROM, 90 ns, PQCC32 1M bit, 2.7-Volt to 3.6-Volt EPROM
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
AT28C010E-15EM/883 AT28C010E-20DM/883 AT28C010E-20 |
1 Megabit 128K x 8 Paged CMOS E2PROM CONNECTOR ACCESSORY 64K 8K x 8 Battery-Voltage CMOS E2PROM 1 Megabit 128K x 8 Paged CMOS E2PROM
|
ATMEL Corporation Atmel Corp.
|
28LV010RPDB20 28LV010RPDB25 28LV010RT1DB20 28LV010 |
3.3V 1 Megabit (128K x 8-bit) - EEPROM
|
Maxwell Technologies
|
28C010TRPDB-12 28C010TRPDB-15 28C010TRPDE-12 28C01 |
1 Megabit (128K x 8-Bit) EEPROM
|
MAXWELL[Maxwell Technologies]
|
AT49F001AT-55VI AT49F001AT-55JI ANT-55VI AT49F001A |
1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY 128K X 8 FLASH 5V PROM, 55 ns, PDSO32 1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY 128K X 8 FLASH 5V PROM, 55 ns, PQCC32
|
Atmel, Corp. ATMEL CORP
|
AT27C2048-55JU AT27C2048-55PU AT27C204807 AT27C204 |
2-Megabit (128K x 16) OTP EPROM AT27C2048
|
ATMEL Corporation
|
|