PART |
Description |
Maker |
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX6341CPA MAX6341CSA MAX6341EPA MAX6341ESA MAX634 |
Stereo 2-W Audio Power Amp with 4 Selectable Gain Settings and MUX Control 24-HTSSOP -40 to 85 1ppm/C / Low-Noise / 2.5V/ 4.096V/ 5V Voltage References 1ppm/C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/∑C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/C Low-Noise 2.5V/ 4.096V/ 5V Voltage References 1ppm/°C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/??, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
1N5524 1N5545 1N5519 1N5520 1N5521 1N5522 1N5523 1 |
Nom zener voltage:33.0V; measured from 1000-3000Hz; low voltage avalanche zener diode; high performance: low noise, low leakage Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE/ LOW LEAKAGE MSTBVA 2,5/13-G-5,08 LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE LOW LEAKAGE LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
|
Electronic Theatre Controls, Inc. Knox Semiconductor Inc KNOX[Knox Semiconductor Inc] KNOX[Knox Semiconductor, Inc]
|
MGA-633P8-BLKG MGA-633P8-TR1G |
Ultra Low Noise, High Linearity Active Bias Low Noise Amplifi er
|
AVAGO TECHNOLOGIES LIMITED
|
SBFP420M |
UHF to C Band Low-Noise Amplifier Low Phase Noise Osc.Applications
|
SANYO[Sanyo Semicon Device]
|
HZU3CLL HZU-LL |
Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????)
|
Renesas Electronics Corporation.
|
5962R9569001VXC 5962R9569001V9A HS1-5104ARH/PROTO |
Op Amp, Quad 8MHz, Low Noise, Slew Rate 2V/s, Rad-Hard Radiation Hardened Low Noise Quad Operational Amplifier
|
http:// Intersil Corporation
|
EL2227 EL2227CSZ EL2227CSZ-T13 EL2227CSZ-T7 |
Dual, Op Amp, 115MHz, AV=2, Low Noise 1.9nV/√Hz, 2.5V-12V Dual Very Low Noise Amplifier
|
Intersil Corporation
|
LT6402IUD-12 LT6402IUD-12-PBF LT6402IUD-12-TR LT64 |
300MHz Low Distortion, Low Noise Differential Amplifier 300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
|
Linear Technology
|