PART |
Description |
Maker |
AD9040 AD9040A AD9040A_PWB AD9040AJN AD9040AJR AD9 |
RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Right Angle Plug RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Straight Jack RoHS Compliant: Yes 10-Bit 40 MSPS A/D Converter
|
Analog Devices, Inc. AD[Analog Devices]
|
73412-0110 |
RF/Coaxial Connector; RF Coax Type:Microaxial RoHS Compliant: Yes BOARD TERMINATED, MALE, RF CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc.
|
ZM330-Z ZM200X ZM200-Y ZM200-Z ZM220-Y ZM220-Z ZM2 |
RF/Coaxial Connector; RF Coax Type:N; Contact Termination:Clamp; Impedance:50ohm; Body Style:Straight Plug; RG Cable Type:8, 9, 213, 214; Body Material:Brass; Body Plating:Silver; Connector Retention Style:Clamp RoHS Compliant: Yes 1瓦表面贴装稳压二极管 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) RF/Coaxial Connector; RF Coax Type:N; Impedance:50ohm; Body Style:Panel Flanged Jack RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:N; Contact Termination:Clamp; Impedance:50ohm; Body Style:Straight Jack; RG Cable Type:8, 9, 87A, 144, 165, 213, 214, 216, 225; Body Material:Brass; Body Plating:Nickel RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:N; Impedance:50ohm; Body Style:Panel Flanged Receptacle; Body Material:Brass; Contact Plating:Silver; Series:N; Operating Temperature Range /-:65 C to 165 C; Voltage Rating:1500V RoHS Compliant: Yes N STR JACK,NICKEL PLATE,LMR240 RoHS Compliant: Yes 1WATT SURFACE MOUNT ZENER DIODE
|
Formosa Microsemi Co., Ltd. 美丽微半导体有限公司 FORMOSA[Formosa MS]
|
09N4268 |
RF/Coaxial Connector; RF Coax Type:MHV; Contact Termination:Clamp; Body Style:Straight Jack; RG Cable Type:59, 62, 71, 140, 210 RoHS Compliant: Yes
|
Electronic Theatre Controls, Inc.
|
TSL1315-682JR30NBSP TSL1315 TSL0709 TSL1315-150K4R |
RF/Coaxial Connector; RF Coax Type:BNC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 电感电源线径 Inductors For Power Line Radial
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] TDK Semiconductor
|
R285426000 R285427000 |
LEAD, BNC M-M, 5/50 0-1.5GH, 150CM; Connector type A:BNC Plug; Connector type B:BNC Plug; Length, lead:150cm; Cable type:Coax; Impedance:50R; Coaxial cable type:KX15; Connector type:BNC RoHS Compliant: Yes BNC MALE-MALE LEAD 200CM 5/50 0-1.5GHBNC MALE-MALE LEAD 200CM 5/50 0-1.5GH; Connector type A:BNC Plug; Connector type B:BNC Plug; Length, lead:200cm; Cable type:Co-ax; Impedance:50R; Coaxial cable type:KX15; Connector type:BN
|
RADIALL S A
|
TEN30-2408WI TEN30-4823WI TEN30-2409WI TEN30-2410W |
RF/Coaxial Connector; RF Coax Type:C; Contact Termination:Solder; Body Style:Straight Bulkhead Receptacle RoHS Compliant: No DC/DC Converters - TEN 30WI Series, 30 Watt 1-OUTPUT DC-DC REG PWR SUPPLY MODULE Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:White/Green; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes CABLE ASSEMBLY; SMB PLUG TO SMB JACK BULKHEAD; 50 OHM, RG142B/U COAX, DOUBLE SHIELDED;
|
电源模块 TRACO ELECTRONIC AG. TRACOPOWER[TRACO Electronic AG]
|
U10A20 U10A05 U10A10 U10A15 U10.05 |
FAST RECTIFIERS(10A,50-200V) FAST RECTIFIERS(10A/50-200V) NON MAGNETIC MMCX R/A PCB (F) RF/Coaxial Connector; RF Coax Type:MCX; Impedance:50ohm; Body Style:Straight Plug; Body Plating:Gold; Mounting Type:PCB Thru Hole RoHS Compliant: Yes
|
MOSPEC[Mospec Semiconductor] MOSPEC SEMICONDUCTOR CORP.
|
ADM809MART ADM809JART ADM809RART ADM809TART |
Microprocessor Supervisory Circuit in 3-Pin SOT-23 RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Solder; Impedance:50ohm; Body Style:Straight; RG Cable Type:58, 59, 179, 316 RoHS Compliant: Yes 微处理器监控电路引脚SOT - 23 Microprocessor Supervisory Circuit in 3-Pin SOT-23 微处理器监控电路引脚SOT - 23 SRAM Nonvolatile Controller IC for 4 SRAM Banks 16-SOIC -40 to 85
|
Analog Devices, Inc.
|
BNC-P-3-CF BNC-P-58U-NI-CF BNC-P-3-NICAU-CF BNC-P- |
BNC style connector is one of the most popular 50 Ω coaxial connector.
|
DDK Ltd.
|
SI91821DH-AD-T1 SI91821DH-AD-T1-E3 SI91821 SI91821 |
Micropower 300-mA CMOS LDO Regulator With Error Flag 300毫安的CMOS LDO稳压器国旗错 Micropower 300-mA CMOS LDO Regulator With Error Flag 00毫安的CMOS LDO稳压器国旗错 RF/Coaxial Connector; RF Coax Type:BNC; Impedance:50ohm; Body Style:Straight Jack; Contact Material:Phosphor Bronze; Insulator Material:Teflon; Mounting Type:PC Board Edge RoHS Compliant: Yes
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
FI-JH50C-B-R3000 FI-JH30C-B FI-JH30C-B-R3000 FI-JH |
Fine-Coax Wire Connector for Small Portable Devices
|
Japan Aviation Electronics Industry, Ltd.
|