PART |
Description |
Maker |
24C02SC 24C01SC/WF 24C02SC/W08 |
串行EEPROM的| 256X8 |CMOS |晶圆 SERIAL EEPROM|128X8|CMOS|WAFER The 24C02SC is a 2K bit Electrically Erasable PROM with bondpad positions optimized for smart card specific applications. The 24C02SC is organized as a single block of 256 x 8-bit memory with an I2C compatible 2-wire seria
|
Microchip
|
UB264B UB264BG-P08-R UB264BL-P08-R |
LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
|
Unisonic Technologies
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
AT45D081A-RI AT45D081A-JCNBSP AT45D081A-RINBSP AT4 |
8-megabit 5-volt Only Serial DataFlash From old datasheet system SPI Serial EEPROM SERIAL EEPROM,FLASH,4KX264X8,CMOS,SOP,28PIN,PLASTIC
|
ATMEL[ATMEL Corporation]
|
CAT34RC02UITE13REV-E CAT34RC02YITE13REV-E 34RC02 C |
2-kb I2C Serial EEPROM, Serial Presence Detect The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 2-kb I2C Serial EEPROM/ Serial Presence Detect
|
CATALYST[Catalyst Semiconductor]
|
PUMA2U8002I-25 PUMA2U8002I-20 PUMA2U8002M-15 PUMA2 |
DIE SALE, 1.8V,11MIL(SERIAL EE) x32 EPROM Module 10MS, DIE, 2.7V, 11 MILS THICKNESS(SERIAL EE) 8-TSSOP, PB/HALO FREE,NiPdAu, 1.8V(SERIAL EE) 8 TSSOP, PB/HALO FREE, IND TEMP, 1.8V(SERIAL EE) X32号存储器模块 8-SAP,PB/HALO FREE,IND TEMP,2.7V(SERIAL EE) X32号存储器模块
|
NXP Semiconductors N.V. Amphenol, Corp.
|
MAX1069 MAX1069ACUD MAX1069BCUD MAX1069CCUD MAX106 |
0.3-6V; 58.6ksps, 14-bit, 2-wire serial 8-bit serial ADC. For hand-held portable applications, medical instrumnets, battery-powered test equipment, solar-powered remote systems, received-signal-strength indicators, system supervision 58.6ksps 14-Bit 2-Wire Serial ADC " 58.6ksps, 14-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP" 58.6ksps / 14-Bit / 2-Wire Serial ADC
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
FM24C04 FM24C04U FM24C04UE FM24C04UL FM24C04ULZ FM |
I2C Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 80POS DUAL SMD 4K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 4K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AT24C01 AT24C01-10MC AT24C01-10MC-1.8 AT24C01-10MC |
2-WireSerialEEPROM 122 x 32 pixel format, Compact LCD size 2-Wire Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
NM25C020 NM25C020LVMT8 NM25C020LVM8 NM25C020VM8X N |
SPI Serial EEPROM 2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
PUMA2US2500I-2512 PUMA2US2500I-2510 PUMA2US2500I-2 |
10MS, 8 PDIP, IND TEMP, GREEN, 1.8V(SERIAL EE) 10MS, 8 EIAJ SOIC, IND TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 SOIC, EXT TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 SOIC, IND TEMP, GREEN, 2.7(SERIAL EE) 10MS, 8 TSSOP, IND TEMP, GREEN, 2.7(SERIAL EE) 10MS, 8 TSSOP, EXT TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 SOIC, IND TEMP, GREEN, 2.7V(SERIAL EE) 10MS, DIE, 2.7V, 11 MILS THICKNESS(SERIAL EE) 10MS, 8 MINI-MAP, IND TEMP, GREEN, 1.8V(SERIAL EE) 10MS, 8 LAP, IND TEMP, GREEN, 2.7V(SERIAL EE) SRAM/EPROM 静态存储器/存储 10MS, DIE, 1.8V, 11 MILS THICKNESS(SERIAL EE) 静态存储器/存储
|
TDK, Corp. TE Connectivity, Ltd.
|
11AA080 11LC040 11LC160 11LC080 11AA010 11AA020 11 |
1K-16K UNI/O? Serial EEPROM Family Data Sheet 2K X 8 1-WIRE SERIAL EEPROM, PDIP8 2K X 8 1-WIRE SERIAL EEPROM, PDSO8
|
Microchip Technology http://
|
|