PART |
Description |
Maker |
X24320 X24320P X24320P-1.8 X24320P-2.5 X24320PI X2 |
32K (4K x 8bit) 400KHz 2-wire serial E2PROM with block lock Series 940-F/947, 3000 mm [118.0 in] scan distance, Plastic M30, Prewired 2 m, switching output PNP, adjustment potentiometer 400kHz2线串行E2PROM的块 400KHz 2-Wire Serial E2PROM with Block Lock 400kHz2线串行E2PROM的块 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 400kHz2线串行E2PROM的块
|
XICOR[Xicor Inc.] Jauch Quartz GmbH
|
X24257 |
400kHz 2-Wire Serial EEPROM with Block Lock From old datasheet system
|
Xicor Inc.
|
AT24C01A AT24C16 AT24C02 DOC201 |
2-Wire Serial CMOS E 2 PROM From old datasheet system
|
Atmel
|
AM2404INA AM24LC02 AM24LC16 AM2404IN AM2404IS AM24 |
2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
|
ANACHIP[Anachip Corp]
|
AM24LC16VSA AM24LC16 AM24LC16I AM24LC16IN AM24LC16 |
2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
|
ANACHIP[Anachip Corp]
|
AT24C01 AT24C01-10MC AT24C01-10MC-1.8 AT24C01-10MC |
2-WireSerialEEPROM 122 x 32 pixel format, Compact LCD size 2-Wire Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
24AA1603 24LC16B 24AA16-I/MS 24AA16-I/MSG 24AA16-I |
16K I2C垄芒 Serial EEPROM 16K I2C?/a> Serial EEPROM The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24LC16B features hardware write protect, Schmitt trigger in The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C ... The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I<SUP>2</SUP>C ... 16K I2C Serial EEPROM
|
Microchip Technology Inc.
|
AM24LC08I AM24LC08INA AM24LC08ISA AM24LC08VSA AM24 |
RES, FXD, MF, CHIP, 121K, 1%, 1/16W, 0603 2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
|
ETC ANACHIP[Anachip Corp]
|
24C16 AT24C164 24C164 AT24C164-10SI-2.7 AT24C16 AT |
2-Wire Serial EEPROM 2-WireSerialEEPROM 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Triple 3-Input Positive-NOR Gate 14-SOIC -40 to 85 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 Triple 3-Input Positive-NOR Gate 14-TVSOP -40 to 85 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
ATMEL[ATMEL Corporation] ATMELCorporation Atmel Corp. Atmel, Corp.
|
NM24C32 NM24C32FN NM24C32FVM8 NM24C32FLVM8 NM24C32 |
I2C Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 I2C Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AT24C11 AT24C11-10 AT24C11N-1 AT24C11N-10SU-2.7 AT |
1K, 2-wire Bus Serial EEPROM, Non-cascadable, high speed at medium voltage. 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 240 x 128 pixel format, CFL Backlight with power harness 2-Wire Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
ATMEL[ATMEL Corporation] Atmel Corp. PROM Atmel, Corp.
|
M24LR64-R-DW6T/2 M24LR64-R-MN6T/2 M24LR64-R-MB6T/2 |
64 Kbit EEPROM with password protection & dual interface: 400kHz I2C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
|
STMicroelectronics
|