PART |
Description |
Maker |
XC3090L XC3000L XC3020L XC3030L XC3042L XC3064L |
Part of the ZERO family of 3.3 V FPGAs XC3000L Low Voltage Logic Cell Array Family
|
XILINX[Xilinx, Inc]
|
AM486DX2 AMD-X5-133SDZ AMD-X5-133AFW AMD-X5-133SFZ |
Am5X86??Microprocessor Family Am5X86 Microprocessor Family Am5X86Microprocessor Family 32-BIT, 133 MHz, MICROPROCESSOR, PQFP208
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
HCPL-253L HCPL-250L-XXXE HCPL-053L HCPL-050L HCPL- |
1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 1 Mbps HCPL-053L · 3.3V Digital Optocoupler Family HCPL-050L · 3.3V Digital Optocoupler Family HCPL-253L · 3.3V Digital Optocoupler Family HCPL-250L · 3.3V Digital Optocoupler Family LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s) LVTTL /LVCMOS兼容3.3伏光耦(1 Mb /秒)
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) HIROSE ELECTRIC Co., Ltd.
|
ST62E65B ST62T60B ST62T63B ST62T65B ST62T81 ST62E4 |
Gang Programmers for ST62 MCU Family(ST62绯诲????绋??) Gang Programmers for ST62 MCU Family(ST62系列的编程器) 为ST62微控制器系列(ST62系列的编程器编程钢) EPROM PROGRAMMING BOARDS FOR ST62 MCU FAMILY
|
STMicroelectronics N.V. 意法半导 http:// STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
PCNET-FAMILY |
PCnet-Family - PCnet-Family Software Magic Packet Utility User Guide PCnet -系列- PCnet -系列软件魔包实用程序用户指南
|
Advanced Micro Devices
|
MC68HC11E0VB2 MC68711E20CFNE2 MC68HC11E0CFN2 MC68H |
HC11 Microcontrollers M68HC11E Family Data Sheet M68HC11E Family Date Sheet
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
HD40A46812 HD40A4688 HD40A4689 HD4074889 HD407A468 |
H46XX Family Microcomputers H48XX Family Microcomputers
|
Hitachi Semiconductor
|
EP2S5F1508I5ES EP2S5F1508I4ES EP2S5F1508I3ES EP2S5 |
Section I. Stratix II Device Family Data Sheet The Stratix II family offers the following features Section I. Stratix II Device Family Data Sheet
|
Altera Corporation
|
ATF2500C ATF2500C-20JI ATF2500C-20PC ATF2500C-15JC |
ATF2500C CPLD Family Datasheet ATF2500C CPLD Family Datasheet High-performance, High-density, Electrically-erasable Programmable Logic Device
|
ATMEL Corporation 聚兴科技股份有限公司
|
S29GL512N S29GL256N90FFI010 S29GL256N90FFIV20 S29G |
MirrorBit Flash Family 16M X 16 FLASH 3V PROM, 100 ns, PBGA64 3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBitProcess Technology 32M X 16 FLASH 3V PROM, 100 ns, PBGA64 JT 13C 13#22M PIN PLUG 16M X 16 FLASH 3V PROM, 100 ns, PDSO56 MirrorBit Flash Family 16M X 16 FLASH 3V PROM, 80 ns, PDSO56 MirrorBit Flash Family MirrorBit闪存系列 Replaced by PTB48520W : 16M X 16 FLASH 3V PROM, 100 ns, PBGA64 JT 13C 13#22D SKT PLUG
|
Spansion, Inc. Spansion Inc. ETC
|