PART |
Description |
Maker |
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
MC100EP105 |
3.3V / 5VECL Quad 2-Input Differential AND/NAND
|
ON Semiconductor
|
MC10EP105 MC10EP105FA MC10EP105FAR2 ON0694 |
From old datasheet system Quad 2-Input Differential AND/NAND
|
ONSEMI[ON Semiconductor]
|
74F00 74F00SJX 74F00PC 74F00PCX 74F00SC 74F00SCX 7 |
Quad 2-Input NAND Gate From old datasheet system Quad 2-Input NAND Gate F/FAST SERIES, QUAD 2-INPUT NAND GATE, PDIP14 Quad 2-Input NAND Gate F/FAST SERIES, QUAD 2-INPUT NAND GATE, PDSO14 Quad 2-Input NAND Gate 输入与非
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
HEF4093BT-T HEF4093BP |
4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14 Quad 2-input NAND Schmitt trigger
|
NXP Semiconductors N.V.
|
DM7438 DM7438M DM7438N 7438SJ |
Quad 2-Input NAND Buffers with Open-Collector Outputs TTL/H/L SERIES, QUAD 2-INPUT NAND GATE, PDSO14 Quad 2-Input NAND Buffers with Open-Collector Outputs(输入与非门(集电极开路输出))
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
MM74HC132MTCX |
Quad 2-Input NAND Schmitt Trigger; Package: TSSOP; No of Pins: 14; Container: Tape & Reel HC/UH SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|
74F38SJ 74F38SC 74F38PC 74F38 74F38S 54F38LMQB |
RECTIFIER FAST-RECOVERY SINGLE 3A 200V 100A-ifsm 0.9V-vf 25ns 10uA-ir SMB 3K/REEL-13 F/FAST SERIES, QUAD 2-INPUT NAND GATE, PDIP14 Quad Two-Input NAND Buffer (Open Collector)
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
5962F9666302VEC 5962F9666302VXC 5962F9666302V9A HS |
Differential Line Driver, Quad, CMOS Enable, 3.3V, Rad-Hard CAP CERAMIC 7PF 50V C0G 0402 QUAD LINE DRIVER, CDFP16 Radiation Hardened 3.3V Quad Differential Line Driver 辐射硬化3.3四路差分线路驱动 Radiation Hardened 3.3V Quad Differential Line Driver QUAD LINE DRIVER, UUC16 Radiation Hardened 3.3V Quad Differential Line Driver QUAD LINE DRIVER, CDIP16 PANEL CAP CERAMIC 6.2PF 50V C0G 0402 CAP CERAMIC 6.8PF 50V C0G 0402
|
Intersil, Corp. Intersil Corporation
|
SY100EL05ZC SY100EL05ZCTR SY10EL05ZCTR SY10EL05 SY |
CAP 3300PF 500V 20% X7R SMD-1210 TR-7 PLATED-NI/SN 100EL SERIES, 2-INPUT AND/NAND GATE, PDSO8 2-INPUT DIFFERENTIAL AND/NAND
|
Micrel Semiconductor, Inc. MICREL[Micrel Semiconductor] http://
|