PART |
Description |
Maker |
STP4NC60A STP4NC60AFP STB4NC60A-1 |
N-CHANNEL 600V 1.8 OHM 4.2A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMeshII MOSFET N-CHANNEL 600V 1.8 OHM 4.2A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh⑩II MOSFET 32BIT MCU,GPT,SIM,QSM N沟道600V 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh第二MOSFET的⑩
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
STP4NC60 STP4NC60FP STB4NC60-1 |
N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMeshII MOSFET N-CHANNEL 600V - 1.8 OHM - 4.2A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh⑩II MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STQ3NK50ZR-AP STD3NK50Z STD3NK50Z-1 STD3NK50ZT4 |
From old datasheet system N-CHANNEL 500V - 2.8ohm - 2.3A TO-92/DPAK/IPAK Zener-Protected SuperMESH MOSFET N沟道500V - 2.8ohm - 2.3a作出TO-92/DPAK/IPAK齐纳MOSFET的保护SuperMESH N-CHANNEL SuperMESH MOSFET N-CHANNEL 500V - 3 Ohm - 2.3A - TO-92/DPAK/IPAK ZENER-PROTECTED SUPERMESH MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRFU320 IRFR320 IRFR320PBF IRFR320TR IRFR320TRL IR |
3.1 A, 400 V, 1.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA Power MOSFET(Vdss=400V Rds(on)=1.8ohm Id=3.1A) Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=3.1A) 400V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
IRF[International Rectifier]
|
STD1NC40-1 |
N - CHANNEL 400V - 8Ohm - 1A - IPAK PowerMESH II MOSFET N - CHANNEL 400V- 8ohm - 1A - IPAK PowerMESH II MOSFET
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRH9230 |
TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.8ohm, Id=-6.5A)
|
IRF[International Rectifier]
|
IRFI720G IRFI720GPBF |
400V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=2.6A) HEXFET? Power MOSFET Power MOSFET(Vdss=400V/ Rds(on)=1.8ohm/ Id=2.6A)
|
IRF[International Rectifier]
|
HGT1S12N60A4S HGTG12N60A4 HGTP12N60A4 FN4656 HGT1S |
600V, SMPS Series N-Channel IGBT From old datasheet system 600V/ SMPS Series N-Channel IGBT 600V, SMPS Series N-Channel IGBT(600V,SMPS系列 N沟道绝缘栅双极型晶体 54 A, 600 V, N-CHANNEL IGBT, TO-247 600V, SMPS Series N-Channel IGBT(600V,SMPS系列 N沟道绝缘栅双极型晶体 54 A, 600 V, N-CHANNEL IGBT, TO-263AB 600V, SMPS Series N-Channel IGBT 54 A, 600 V, N-CHANNEL IGBT, TO-220AB
|
INTERSIL[Intersil Corporation] Intersil, Corp. Fairchild Semiconductor, Corp.
|
FCPF22N60NT FCP22N60N |
N-Channel MOSFET 600V, 22A, 0.165W 600V N-Channel MOSFET, SupreMOS™; 3-TO-220 22 A, 600 V, 0.165 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp.
|
FCA16N60N |
600V N-Channel MOSFET SupreMOS™; 3-TO-3PN 16 A, 600 V, 0.199 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 600V, 16A, 0.170W
|
Fairchild Semiconductor, Corp.
|
FQP2N60C FQPF2N60C |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
SSW2N60B 2N60B SSI2N60B SSW2N60BTM |
600V N-Channel B-FET / Substitute of SSW2N60A 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|