PART |
Description |
Maker |
X24042 X24042P X24042P-2.7 X24042P-3 X24042PI X240 |
4K (512 x 8bit) serial E2PROM Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active High
|
XICOR[Xicor Inc.]
|
LTC4251-1 LTC4251 425112F LTC4251-2 |
Negative Voltage Hot Swap Controllers in SOT-23 From old datasheet system Negative Voltage Hot Swap Controller in SOT-23
|
Linear Technology
|
MAX5901 MAX5901L MAX5901A |
-100V SOT23/TDFN Simple Swapper Hot-Swap Controllers " -100V Simple Swapper Hot- Swap Controller, Latched off" -100V Simple Swapper Hot- Swap Controller with Periodic Retry
|
Maxim
|
LT1640L1 LT1640HCS8TRPBF LT1640HCN8PBF LT1640LIS8 |
Negative Voltage Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 Negative Voltage Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Negative Voltage Hot Swap Controller
|
Linear Technology, Corp.
|
SC425005 SC4250LISTRT |
Negative Voltage Hot Swap Controller
|
Semtech Corporation
|
SC4250 |
Negative Voltage / Hot Swap Controller
|
Semtech
|
ISL617306 ISL6173EVAL3 ISL6173 ISL6173DRZA ISL6173 |
Dual Low Voltage Hot Swap Controller
|
INTERSIL[Intersil Corporation]
|
ISL6172 |
Dual Low Voltage Hot Swap Controller
|
Intersil
|
LTC4260-15 |
Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
|
Linear Technology
|
ADM1172 ADM1172-2AUJZ-RL7 ADM1172-1AUJZ-RL7 |
2.7 V to 16.5 V Hot Swap Controller with Power-Good Comparator 2.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator
|
Analog Devices
|
LTC4224IMS-1-PBF LTC4224IMS-1-TRPBF LTC4224IMS-2-P |
2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10 Compact Dual Low Voltage Hot Swap Controller
|
LINEAR TECHNOLOGY CORP http://
|
EVAL-ADM1073MEB ADM1073 ADM1073ARU ADM1073ARU-REEL |
-48 V Full Feature Hot Swap Controller Full-Feature −48 V Hot Swap Controller
|
AD[Analog Devices]
|