PART |
Description |
Maker |
2SD5041 |
Transistor. AF output amplifier for electronic flash unit. Collector-base voltage Vcbo = 40V. Collector-emitter voltage Vceo = 20V. Emitter-base voltage Vebo = 7V. Collector dissipation Pc(max) = 0.75W. Collector current Ic = 5A. Transistors
|
Usha India Ltd.
|
PS2533-1 PS2533-1-V PS2533-2 PS2533-2-V PS2533-4 P |
High Collector To Emitter Voltage Photocoupler(高集电极到发射极电压光电耦合 HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
|
NEC Corp. NEC[NEC]
|
PC895 PC875 PC865 |
From old datasheet system High Sensitivity, Low Collector Dark Current, High Collector-emitter Voltage Type Photocoupler
|
SHARP[Sharp Electrionic Components]
|
2SA539 |
Low frequency amplifier. Collector-base voltage: Vcbo = -60V. Collector-emitter voltage: Vceo = -45V. Emitter-base voltage Vebo = -5V. Collector dissipation: Pc(max) = 400mW.
|
USHA India LTD
|
BSP60 BSP62 Q62702-P1166 Q62702-P1168 BSP60BSP62 B |
From old datasheet system PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon
|
MC68HCL05C8 MC68HSC05C8 68HC705C8 MC68HC05C8 MC68H |
TRANSISTOR,IGBT,N-CHAN,1.2kV V(BR)CES,25A I(C),TO-264AA IGBT; Continuous Collector Current, Ic:60A; Collector Emitter Saturation Voltage, Vce(sat):24V; Power Dissipation, Pd:200W; Collector Emitter Voltage, Vceo:900V; Transistor Polarity:N Channel PROGRAMMING REFRERENCE GUIDE 编程REFRERENCE指南
|
Motorola, Inc. Motorola Inc Motorola Mobility Holdings, Inc.
|
2SA954 |
Audio frequency amplifier. Collector-base voltage: Vcbo = -80V. Collector-emitter voltage: Vceo = -80V. Emitter-base voltage Vebo = -5V. Collector dissipation: Pc(max) = 600mW.
|
USHA India LTD
|
PS2533-1-V-A PS2533-2 PS2533-4-V PS2533L-1-F4 PS25 |
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
|
CEL[California Eastern Labs]
|
PS2532L-2-V-E4-A PS2532L-1-F3-A PS2532L-1-V-E3-A P |
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES 高集电极到发射极VOLTATGE高隔离电压多功能光电耦合器系
|
California Eastern Laboratories, Inc.
|
2SB805 |
High collector to emitter voltage: VCEO -100V.
|
TY Semiconductor Co., Ltd
|
PC703V PC703 |
High Collector-emitter Voltage Type Photocoupler
|
Sharp Electrionic Compo... SHARP[Sharp Electrionic Components]
|
X4165S8 X4163 X4165V8I-2.7A X4165V8-2.7A X4163S8-4 |
CPU Supervisor with 16K EEPROM 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 IGBT Module; Continuous Collector Current, Ic:75A; Collector Emitter Saturation Voltage, Vce(sat):3V; Collector Emitter Voltage, Vceo:1200V; Leaded Process Compatible:Yes; Package/Case:D61; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes CPU Supervisor with 16K EEPROM
|
Intersil, Corp. http:// Intersil Corporation
|