PART |
Description |
Maker |
74LVT162244B 74LVT162244BDGG 74LVT162244BDL 74LVT1 |
3.3V 16-bit buffer/driver with 30 termination resistors 3.3 V 16-bit buffer-driver with 30 Ohm termination resistors 12-Bit Asynchronous Binary Counters 16-TSSOP -40 to 85 From old datasheet system 3.3V 16-bit buffer/driver with 30ohm termination resistors 3.3 V 16-bit buffer/driver with 30 Ohm termination resistors
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74ABT162244 74ABT162244DGG 74ABT162244DL 74ABTH162 |
16-bit buffer/line driver with 30ohm series termination resistors 3-State 16-bit buffer/line driver with 30W series termination resistors (3-State) Terminate the electric resistance with a series of 16 the buffer of a littles/ line driver(3- state) 16-Bit Buffer/Line DriverWith 30Ω Series Termination Resistors(3-State)(16位缓冲器/线驱动器(三态)) Octal bus transceivers 20-SOIC 0 to 70 16-bit buffer/line driver with 30 Ohm series termination resistors (3-State)
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74VCX16827 74VCX16827MTD 74VCX16827MTDX 74VCX16827 |
Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs Dual 10-Bit Buffer/Driver ALVC/VCX/A SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
DM74LS240 DM74LS240N DM74LS240SJ DM74LS240WM DM74L |
Octal 3-STATE Buffer/Line Driver/Line Receiver Dual 4-Bit Non-Inverting Buffer/Driver LS SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74VHC240MTC 74VHC240N 74VHC240SJ 74VHC240 74VHC240 |
Octal Buffer/Line Driver with 3-STATE Outputs Dual 4-Bit Inverting Buffer/Driver
|
Fairchild Semiconductor
|
HD74AC244 HD74ACT244 HD74ACT244P |
Dual 4-Bit Non-Inverting Buffer/Driver Octal Buffer/Line Driver with 3-State Output
|
Hitachi Semiconductor
|
5962F9854101VXC ACS244MS ACS244D 5962F9854101VRC A |
Buffer/Line Driver, Non-Inverting, Octal, Tri-State Rad-Hard, Advanced Logic, CMOS Radiation Hardened Non-Inverting/ Octal/ Three-State Buffer/Line Driver Radiation Hardened
Non Inverting, Octal, Three-State Buffer/Line Driver(抗辐射同相、八路三态缓冲器/线驱动器) Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver AC SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, UUC22 CONTACT RACK & PANEL SOLDERTAIL AC SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, CDFP20 Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver AC SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, CDFP20
|
Intersil Corporation Intersil, Corp.
|
74ACTQ18825 74ACTQ18825MTD 74ACTQ18825SSC 74ACTQ18 |
18-Bit Buffer/Line Driver with 3-STATE Outputs 18-Bit Buffer/Driver
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74LVT16244 74LVT16244MTDX 74LVTH16244MEA 74LVTH162 |
4K, 512 X 8, 2.5V SER EE, -40C to 85C, 8-MSOP, TUBE Low Voltage16-Bit Buffer/Line Driver Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs
|
Fairchild Semiconductor
|
74LVQ541M |
BUFFER/DRIVER|SINGLE|8-BIT|LV-CMOS|SOP|20PIN|PLASTIC LVQ SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20
|
STMICROELECTRONICS
|