PART |
Description |
Maker |
P87C750 P87C750EBAA P87C750EBDDB P87C750EBPN P87C7 |
80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC28 128K X 16 BIT, 90 NS, 0-70 C, CMOS EPROM 80C51 8-bit microcontroller family 1K/64 OTP ROM/ low pin count
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
P89C51RD P89C51RDIB P89C51RDIN P89C51RDIA P89C51RD |
80C51 Central Processing Unit 80C51 8-bit Flash microcontroller family 32K/64K ISP FLASH with 512.1K RAM
|
NXP Semiconductors Philips Semiconductors
|
8XC52 8XC54 8XC58 87C51FB 80C51FA 80C32 83C52 87C5 |
8-bit CMOS (low voltage, low power and high speed) microcontroller families 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, OTPROM, 33 MHz, MICROCONTROLLER, PDIP40 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, 33 MHz, MICROCONTROLLER, PDIP40 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, OTPROM, 33 MHz, MICROCONTROLLER, PQFP44 N-CHANNEL SILICON JUNCTION FET TO72 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 N-CHANNEL SILICON JUNCTION FET TO52 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 XLR Style Audio Connector; Mounting Type:In-Line; Gender:Male-Female Adapter; Approval Bodies:CE; Body Material:Brass; Series:F 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 80C51 8-bit microcontroller family 80C51位单片机系列 Shelf; External Width:19"; Color:Metallic Gray; Keyboard Width Max:16.5" RoHS Compliant: Yes 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 Shelf; External Width:23"; Color:Black; Keyboard Width Max:20.5" RoHS Compliant: Yes 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, OTPROM, 33 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQCC44 POT 2K OHM 9MM SQ RTANG PLAST 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PDIP40 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, 33 MHz, MICROCONTROLLER, PQCC44 Molded Enclosure, NEMA 4X /UL/IEC Plastic Box, Outdoor, Style B, Plastic Hinge with Snap Action Latch, 27.56 inch Height, 19.67 inch Width, 9.53 inch Depth NEMA BOX B, INDOOR SOLID NEMA BOX B, INDOOR CLEAR POT 100K OHM 9MM SQ PLASTIC DUAL LOW-LEAKAGE PICO AMP DIODE TO72 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless/ low voltage 2.7V.5.5V/ low power/ high speed 33 MHz 80C51 8-bit microcontroller family 8XC51FA/FB/FC/80C51FA8XC51RA /RB /RC /RD /80C51RA 8K 4K/256K OTP/ROM/ROMless,low voltage, low power, high speed (33 MHz)(80C51 8位微控制器系列产 80C51 8-Bit Microcontroller Family (8K ROM,Low Voltage (2.7V-5.5V), Low Power, High Speed (33 MHz) )(80C51 8位微控制器系列产
|
http:// NXP Semiconductors N.V. Philips Semiconductors
|
P89CV51RD2FA512 P89CV51RB209 P89CV51RC2FBC557 P89C |
8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals; Package: SOT187; Container: Tube Dry Pack 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals; Package: SOT376; Container: Tray Dry Pack, Bakeable, Multiple 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44
|
NXP Semiconductors N.V.
|
P89LPC935FA P89LPC936 P89LPC936FDH P89LPC935FHN P8 |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters 8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
|
PHILIPS[Philips Semiconductors]
|
P89LPC952 P89LPC952FA P89LPC952FBD |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit ADC 8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit A/D converter
|
PHILIPS[Philips Semiconductors]
|
P83C660X2FA P87C660X2FA P83C661X2BBD P87C661X2BBD |
80C51 8-bit microcontroller family
|
NXP Semiconductors
|
P87C58X2FA P87C52 P87C54 80C52 80C52X2 P80C31X2 P8 |
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 80C51位单片机系列4K/8K/16K/32K的ROM / RAM的检察官办公28B/256B低电.7.5 V,低功耗,高33分之30兆赫 80C51 8-bit microcontroller family 4K-8K-16K-32K ROM-OTP 128B-256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30-33 MHz)
|
存储 NXP Semiconductors N.V.
|
P89LPC936FDH |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB-8 kB-16 kB 3 V byte-erasable flash with 8-bit ADCs
|
NXP Semiconductors N.V.
|
AT80C51RD2 |
80C51 High Performance 8-bit Microcontroller
|
Atmel
|
P89C58X2FA P89C58X2BA P89C58X2BBD P89C58X2BN P89C5 |
80C51 8-bit Flash microcontroller family
|
NXP Semiconductors
|
|