PART |
Description |
Maker |
QPM1002 |
8.5 - 10.5 GHz GaN Transmit / Receive Module
|
Qorvo
|
MRFIC1807 |
1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
|
MOTOROLA[Motorola, Inc]
|
T7024-TRS T7024 T7024-PGP T7024-PGQ T7024-TRQ |
The T7024 is a monolithic SiGe transmit/receive front-end IC with power amplifier, low-noise amplifier and T/R switch driver. It is especially designed for operation in TDMA systems like Bluetooth and WDCT. BluetoothISM 2.4-GHz Front- End IC Bluetooth?ISM 2.4-GHz Front- End IC Bluetooth⑩/ISM 2.4-GHz Front- End IC Bluetooth/ISM 2.4-GHz Front- End IC
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
RF2436 |
TRANSMIT/RECEIVE SWITCH
|
RFMD[RF Micro Devices]
|
RFFM6907SB |
2.8V to 4.0V, 915MHz Transmit/Receive Module
|
RF Micro Devices
|
SKY65346-11 |
Transmit/Receive Front-End Module
|
Skyworks Solutions
|
SC16C2552 |
Dual UART with 16-byte transmit and receive FIFOs
|
Philips
|
XR68C92 |
Dual UART with Eight Bytes Transmit and Receive FIFO
|
Exar
|
TP-UART-IC |
Twisted Pair - Universal Asynchronous Receive Transmit IC
|
Siemens Semiconductor
|
MAX4939CTN MAX4938CTN MAX4936 |
Octal High-Voltage Transmit/Receive Switches
|
Maxim Integrated Products
|
RFFM6500 RFFM6500PCK-410 RFFM6500SB RFFM6500SQ RFF |
2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
|
RF Micro Devices
|