PART |
Description |
Maker |
MAX4995AAVBTCJY MAX4995ALAUT MAX4995AAVBCJY MAX499 |
50mA to 600mA Programmable Current-Limit Switches
|
MAXIM - Dallas Semiconductor
|
Z88C00-20VSC Z88C00-25VEC Z88C00-20VEC Z88C01-25VE |
Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:35mA; Current, It av:6A; Gate Trigger Current Max, Igt:35mA; Holding Current:35mA RoHS Compliant: Yes Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):40A; Gate Trigger Current (QI), Igt:100mA; Package/Case:3-TO-218X; Current, It av:40A; Gate Trigger Current Max, Igt:100mA Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:35mA; Package/Case:V-PAK; Current, It av:6A; Gate Trigger Current Max, Igt:35mA Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Holding Current:50mA; Leaded Process Compatible:Yes RoHS Compliant: Yes Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:6A; Holding Current:50mA Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):4A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-220; Current, It av:4A; Holding Current:30mA Microcontroller 微控制器 Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):40A; Gate Trigger Current (QI), Igt:100mA; Package/Case:3-TO-218; Current, It av:40A; Gate Trigger Current Max, Igt:100mA 8位微控制
|
Maxim Integrated Products, Inc.
|
UM1431Y-22 UM1431S-31 UM1431S-34 UM1431S-24 UM1431 |
30V Input, 100mA Current Limit, Micropower Linear Regulator 30V Input, 100mA Current Limit, Micropower Linear Regulator
|
Union Semiconductor, In...
|
Z86L7908PSC |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:50mA 8位微控制
|
INTEGRAL JOINT STOCK COMPANY
|
TC107207 |
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
|
Microchip Technology
|
TC1073-3.3VCH713 TC1072-2.7VCH713 TC1072-2.5VCH713 |
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
|
Microchip Technology
|
RT916907 RT9169-49PZL RT9169-49PZT RT9169-13PZL RT |
100mA, 4μA Quiescent Current CMOS LDO Regulator 100mA, 4渭A Quiescent Current CMOS LDO Regulator 100mA, 4楼矛A Quiescent Current CMOS LDO Regulator 100mA, 4レA Quiescent Current CMOS LDO Regulator
|
Richtek Technology Corporation
|
NCV8403STT1G NCV8403DTRKG NCV8403STT3G |
Self-Protected Low Side Driver with Temperature and Current Limit BUF OR INV BASED PRPHL DRVR, PDSO4 Self-Protected Low Side Driver with Temperature and Current Limit 42 V, 14 A, Single N−Channel, SOT−223
|
ON Semiconductor
|
AQY210HLAZ AQY210HLAX AQY210HL AQY210HLA |
PhotoMOS relay, GU (general use) type. 1-channel(form A) current limit function type. AC/DC type. I/O isolation voltage 5,000V. Output rating: load voltage 350 V, load current 120 mA. GU (General Use) Type 1-Channel (Form A) Current Limit Function 4-Pin Type
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
CSL2050ATA CSL2050DTA |
20~50mA Current detection CMOS MR Monolithic Current Sensor Switch
|
AnaSem Hong Kong Limite... AnaSem Hong Kong Limited
|