PART |
Description |
Maker |
LT5527 LT5527EUF |
400MHz to 3.7GHz High Signal Level Downconverting Mixer
|
Linear Technology
|
LT5522 |
400MHz to 2.7GHz High Signal Level Downconverting Mixer
|
Linear Technology
|
LT5522EUF LT5522EUFTR |
600MHz to 2.7GHz High Signal Level Downconverting Mixer; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C TELECOM, CELLULAR, RF AND BASEBAND CIRCUIT, PQCC16 400MHz to 2.7GHz High Signal Level Downconverting Mixer
|
Linear Technology, Corp.
|
RFRX1702 |
GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
|
RF Micro Devices
|
TIM1011-15L |
P1dB=42.0dBm at 10.7GHz to 11.7GHz
|
Toshiba Semiconductor
|
TIM7785-12UL09 |
HIGH POWER P1dB=41.5dBm at 7.7GHz to 8.5GHz
|
Toshiba Semiconductor
|
LT5578 |
0.4GHz To 2.7GHz High Linearity Upconverting Mixer
|
Linear Technology Corporation
|
PE6112 |
7/16 FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 7GHz
|
Pasternack Enterprises, Inc.
|
CLM4302 CLM4302M CLM4302N CLM4102 CLM4102M CLM4102 |
Low Power/ 400MHz High Speed Buffer Low Power, 400MHz High Speed Buffer
|
CALOGIC[Calogic, LLC] Calogic LLC
|
RFLA1022SR RFLA1022PCK-410 RFLA1022TR7 |
Low Noise, High Linearity Amplifier 400MHz to 1500MHz
|
RF Micro Devices
|
CVA4401 |
Low Power/ 400MHz High Speed Triple Buffer Low Power, 400MHz High Speed Triple Buffer
|
Calogic LLC Calogic, LLC
|
KF410BV KF414BS KF518BV KF402BS KF402BV KF406BS KF |
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE) 400MHz-500MHz Band(150ohm) SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE) 规格声表滤波器(带通滤波器00MHz520MHz的范围)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)] KEC Holdings
|