PART |
Description |
Maker |
OET020YEHH OET020YEHH-A OET020YEJJ-A OET020ZEHH-A |
25 Watt, input voltage range:18-36V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-12V (3.5-0.35A) DC/DC converter TRIPLE OUTPUT 25 WATT T1/E1 Transformer Analog IC TRIPLE OUTPUT, 25 WATT 三路输出25瓦特
|
POWER-ONE[Power-One] EPCOS AG
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
MZT3015 MZT2970 MZT3001 MZT3000 MZT3003 MZT3007 MZ |
10 watt zener transient suppressor. Nom zener voltage 9.1 V. 10 watt zener transient suppressor. Nom zener voltage 11 V. 10 watt zener transient suppressor. Nom zener voltage 13 V. 10 watt zener transient suppressor. Nom zener voltage 18 V. 10 watt zener transient suppressor. Nom zener voltage 160 V. 10 watt zener transient suppressor. Nom zener voltage 130 V. 10 watt zener transient suppressor. Nom zener voltage 105 V. 10 watt zener transient suppressor. Nom zener voltage 100 V. 10 watt zener transient suppressor. Nom zener voltage 120 V. 10 watt zener transient suppressor. Nom zener voltage 110 V. 10 watt zener transient suppressor. Nom zener voltage 68 V. 10 WATT ZENER TRANSIENT SUPPRESSORS 10 watt zener transient suppressor. Nom zener voltage 62 V. 10 watt zener transient suppressor. Nom zener voltage 82 V. 10 watt zener transient suppressor. Nom zener voltage 75 V. 10 watt zener transient suppressor. Nom zener voltage 91 V. 10 watt zener transient suppressor. Nom zener voltage 140 V. 10 watt zener transient suppressor. Nom zener voltage 150 V. 10 watt zener transient suppressor. Nom zener voltage 16 V. 10 watt zener transient suppressor. Nom zener voltage 8.2 V. 10 watt zener transient suppressor. Nom zener voltage 6.8 V. 10 watt zener transient suppressor. Nom zener voltage 19 V.
|
Motorola, Inc
|
VKA100LS02 VKA100LS02F VKA100LS03 VKA100LS03F VKA1 |
100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 2.0VDC, IOUT 30.0A. 100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 2.5VDC, IOUT 30.0A. 100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER 1-OUTPUT 100 W DC-DC REG PWR SUPPLY MODULE 100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 2.0VDC, IOUT 20.0A. 100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 3.3VDC, IOUT 20.0A.
|
CANDD[C&D Technologies] C&D TECHNOLOGIES INC
|
KR24D12-230 KR24D15-190 KR24D5-500 KR24S12-470 KR2 |
Single and Dual Outputs 6 Watt DC/DC Converters 2:1 and 4:1 Wide Input Voltage Range
|
Wall Industries,Inc.
|
DM24D15-500 DM48S15-1000 DM12D12-625 DM12S33-4000 |
Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
|
Wall Industries,Inc.
|
LANC2405DUW8 LANC2405UW8 LANC2412DUW8 LANC2412UW8 |
Single and Dual Output 8 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
|
Wall Industries,Inc.
|
NTE5296A NTE5240A NTE5241A NTE5242A NTE5243A NTE52 |
50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 52.0V. Zener test current Izt = 240mA. 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 33.0V. Zener test current Izt = 380mA. 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 180.0V. Zener test current Izt = 68mA. 50 Watt Zener Diodes ±5% Tolerance 50 Watt Zener Diodes 5% Tolerance 50 WATT ZENER DIODES 【5% TOLERANCE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 13.0V. Zener test current Izt = 960mA. 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 43.0V. Zener test current Izt = 290mA.
|
NTE[NTE Electronics] Fujitsu, Ltd. NTE Electronics, Inc.
|
LANC123.3W12 LANC123.3W12-S |
Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage DC/DC Converter 9-18 VDC Input 3.3 VDC Output at 3.5A
|
Wall Industries, Inc. Wall Industries,Inc.
|