PART |
Description |
Maker |
K4E640412D K4E660412D K4E640412D-JCL K4E640412D-TC |
16M x 4 bit CMOS dynamic RAM with extended data out. 3.3V, 4K refresh cycle. 16M x 4bit CMOS Dynamic RAM with Extended Data Out
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
HYB514405BJL HYB514405BJ-60 Q67100-Q2116 |
1M x 4-Bit Dynamic RAM(1M x 4-位动RAM (超级页面EDO模式)) RES 1.3K-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 5K/REEL-7IN-PA 1M X 4 EDO DRAM, 60 ns, PDSO20 1M x 4-Bit Dynamic RAM 100万4位动态随机存储器
|
SIEMENS AG
|
HYB314400BJ-50- HYB314400BJ-60 |
1M x 4-Bit Dynamic RAM 1M × 4-Bit Dynamic RAM(Fast Page Mode)(1M x 4动RAM(快速页面模)
|
SIEMENS AG
|
VG26S18165CJ-5 VG26V18165CJ-6 VG26VS18165C VG26S18 |
1,048,576 x 16 - Bit CMOS Dynamic RAM 1M X 16 EDO DRAM, 60 ns, PDSO42 1,048,576 x 16 - Bit CMOS Dynamic RAM 1M X 16 EDO DRAM, 50 ns, PDSO42 1/048/576 x 16 - Bit CMOS Dynamic RAM
|
Vanguard International ... Vanguard International Semiconductor, Corp.
|
MB81116422A-84 MB81116422A-125 |
CMOS 2×2M ×4 BIT
Hyper Page Mode Dynamic RAM(CMOS 2×2M ×4 位超级页面存取模式动态RAM)
|
Fujitsu Limited
|
MB81V17805A-70L MB81V17805A-60L |
CMOS 2M ×8 BIT
Hyper Page Mode Dynamic RAM(CMOS 2M ×8 位超级页面存取模式动态RAM)
|
Fujitsu Limited
|
MB81V16165A-70L |
CMOS 1M ×16 BIT
Hyper Page Mode Dynamic RAM(CMOS 1M ×16 位超级页面存取模式动态RAM)
|
Fujitsu Limited
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
HYB514400BJL-70 HYB514400BJL-60 HYB514400BJL-50 HY |
1 048 576 x 4-Bit Dynamic RAM 4 194 304 x 1-Bit Dynamic RAM
|
Infineon
|
UPD42S4100A |
4M x 1-Bit Dynamic CMOS RAM
|
NEC Electronics
|
K4F151611 K4F151611D K4F151612D K4F171611D K4F1716 |
1M x 16 bit CMOS dynamic RAM with fast page mode. Supply voltage 3.3V, 4K refresh cycle. 1M x 16 bit CMOS dynamic RAM with fast page mode. Supply voltage 5V, 1K refresh cycle. 1M x 16Bit CMOS Dynamic RAM with Fast Page Mode 1M x 16 bit CMOS dynamic RAM with fast page mode. Supply voltage 3.3V, 1K refresh cycle.
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|