PART |
Description |
Maker |
IRF5NJ9540 IRF5NJB9540 |
-100V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package SURFACE MOUNT (SMD-0.5) 100V, P-CHANNEL POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.117ohm, Id=-18A)
|
International Rectifier
|
AM29CPL154H-25DC AM29CPL154H-25/BXA AM29CPL154H-25 |
User Programmable Special Function ASIC 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7219 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6788U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI260 with Standard Packaging 800V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAE40 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRF5NJ5305 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9110 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN340 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFNG50 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7237 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANS2N7237 with Standard Packaging 40V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRL7N1404 with Standard Packaging 用户可编程ASIC的特殊功
|
Advanced Micro Devices, Inc.
|
IRHM8150 IRHM7150 IRHM4150 JANSF2N7268 JANSG2N7268 |
100V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package RADIATION HARDENED POWER MOSFET THRU-HOLE 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package 100V 300kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package 100V 600kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package
|
IRF[International Rectifier]
|
FDD3690 |
100V N-Channel PowerTrench MOSFET 100V N-Channel PowerTrench MOSFET DIODE ZENER SINGLE 1000mW 6.8Vz 37mA-Izt 0.05 10uA-Ir 4Vr DO41-GLASS 5K/REEL 22 A, 100 V, 0.064 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRF150 JANTXV2N6764 JANTX2N6764 |
100V Single N-Channel Hi-Rel MOSFET in a TO-204AE package TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.055ohm, Id= 38A) TRANSISTORS N-CHANNEL(Vdss=100V/ Rds(on)=0.055ohm/ Id= 38A)
|
IRF[International Rectifier]
|
AM29DL161DB120EI AM29DL161DB70EI AM29DL161DB90EI A |
-100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A 2N6845 with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A IRFE220 with Standard Packaging x8/x16 Flash EEPROM 55V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRF5M3205 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY130CM with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9220 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a TO-257AA package; A IRF5Y5305CM with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9230 with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRF8010L IRF8010S |
100V Single N-Channel HEXFET Power MOSFET in a D2Pak package 100V的单N沟道HEXFET功率MOSFET采用D2PAK封装 SMPS MOSFET 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier, Corp. http://
|
IRF5N5210 |
-100V Single P-Channel Hi-Rel MOSFET in a SMD-2 package POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.060ohm, Id=-31A) POWER MOSFET P-CHANNEL(Vdss=-100V/ Rds(on)=0.060ohm/ Id=-31A)
|
International Rectifier
|
JANSF2N7432U JANSG2N7432U IRHNA7160 |
100V 300kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-2 package 100V 600kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-2 package 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-2 package
|
International Rectifier
|
AM29F400BT-50FC AM29F400BT-50FI AM29F400BB-50EE AM |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF2805 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3215 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL520N with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL3705ZS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7492 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ46ZS with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB4215 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a Super 247 (TO-274AA) package; A IRFPS3810 with Standard Packaging 80V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU2908 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1310NL with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; A IRLL2703 with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ34VL with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRFIZ24E with Standard Packaging A 30V Single N-Channel HEXFET Power MOSFET in a DirectFET ST package. Recommended replacement is IRF6621; A IRF6604 with Standard Tape and Reel Quantity 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRLZ34NS with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7452 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3803V with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ48NS with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF3710ZL with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRLI2203N with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRL3714ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ48ZL with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3714S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL3714S with Standard Packaging 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 55 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 55 ns, PDSO44 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 70 ns, PDSO48 x8/x16 Flash EEPROM x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
IRH7150 IRH4150 IRH8150 IRH3150 IRH7150-15 |
Simple Drive Requirements 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-204AE package 100V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-204AE package RADIATION HARDENED POWER MOSFET THRU-HOLE (T0-204)
|
IRF[International Rectifier]
|