PART |
Description |
Maker |
IRF130-133 IRF131 IRF132 IRF133 IRF532 IRF533 IRF5 |
N-Channel Power MOSFETs 20 A 60-100 V N-Channel Power MOSFETs/ 20 A/ 60-100 V CAP 220PF 200V 5% NP0(C0G) DIP-2 TUBE-PAK R-MIL-PRF-39014/22 N-Channel Power MOSFETs, 20 A, 60-100 V N沟道功率MOSFET0甲,60-100 V
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
IRF330 MTM5N35 MTM5N40 IRF733 IRF730 MTPSN40 IRF73 |
IRF330-333/IRF730-733 MTM/MTP5N35/5N40 N-Channel Power MOSFETs N-Channel Power MOSFETs, 5.5 A, 350 V/400 V
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conductor P... New Jersey Semi-Conduct...
|
IRFP244 IRFP245 IRFP246 IRFP247 |
15A and 14A 275V and 250V 0.28 and 0.34 Ohm N-Channel Power MOSFETs (IRFP244 / IRFP245 / IRFP246 / IRFP247) N-Channel Power MOSFETs 15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs 15 A, 250 V, 0.28 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation] Intersil, Corp.
|
FDG6332CF085 |
700 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET 20V N & P-Channel PowerTrench? MOSFETs 20V N & P-Channel PowerTrench?MOSFETs
|
FAIRCHILD SEMICONDUCTOR CORP
|
IXFH80N10 IXFT80N10 |
TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 80A I(D) | TO-247AD Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS Corporation
|
MRF9060MR1 MRF9060MBR1 MRF9060M |
MRF9060MR1, MRF9060MBR1 945 MHz, 60 W, 26 V Lateral N-Channel Broadband RF Power MOSFETs The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs
|
MOTOROLA[Motorola, Inc]
|
MRF9030MBR1 MRF9030MR1 MRF9030M |
MRF9030MR1, MRF9030MBR1 945 MHz, 30 W, 26 V Lateral N-Channel Broadband RF Power MOSFETs The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
|
MOTOROLA[Motorola, Inc]
|
IXFH9N80 IXFH8N80 |
HiPerFET Power MOSFETs - N-Channel Enhancement Mode High dv/dt, Low trr, HDMOSTM Family N-Channel Enhancement Mode HiPerFET Power MOSFET(最大漏源击穿电00V,导通电.1Ω的N沟道增强B>HiPerFET功率MOSFET) Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS[IXYS Corporation]
|
EMH2602 |
3500 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
IXFX38N80Q2 IXFK38N80Q2 IXFN38N80Q2 |
Discrete MOSFETs: HiPerFET Power MOSFETS N-Channel Enhancement Mode Avalanche Rated, High dv/dt, Low Q Low intrinsic R
|
IXYS[IXYS Corporation]
|
IXFM6N90 IXFH6N100 IXFH6N90 IXFM6N100 |
N-Channel Enhancement Mode HiPerFET Power MOSFET(最大漏源击穿电000V,导通电2.0Ω的N沟道增强HiPerFET功率MOSFET) 6 A, 1000 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IXFM12N100 IXFH10N100 IXFH12N100 IXFH13N100 IXFM10 |
HiPerFET Power MOSFETs 10 A, 1000 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AA HiPerFET Power MOSFETs 12 A, 1000 V, 1.05 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD HiPerFET Power MOSFETs 10 A, 1000 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD HiPerFET Power MOSFETs 13 A, 1000 V, 0.9 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|
|