PART |
Description |
Maker |
EZ1117A EZ1117ACM EZ1117ACST EZ1117CM EZ1117CST EZ |
CONN MMCX PLUG GANG 2POS PCB 0.8 5.0 AMP POSITIVE VOLTAGE REGULATOR 0.8 & 1.0 AMP POSITIVE VOLTAGE REGULATORS
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
73415-0990 |
MMCX PLUG EDGE LAUNCHER BOARD TERMINATED, MALE, MMCX CONNECTOR, PLUG
|
Molex, Inc.
|
1885180000 1885250000 1885590000 1884680000 188899 |
CONN TERM BLOCK 2POS 3.5MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 9POS 3.5MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 19POS 3.81MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 12POS 5.0MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
6344S 1133BRO 5544S 5504S 9007RED 2531WHI 5702S 56 |
Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package JUNCTION BOX 3 TERMINAL BRN BLANKING PLATE MCB ENCLOSURE 4 MODULE PLUG COMMANDO 16A RED IP44 MAINS SOCKET 1 GANG SW ENCLOSURE 2 MODULE SPLASHPROOF ENCLOSURE 7 MODULE MOUNTING BOX 35MM 2 GANG MOUNTING BOX 35MM 1 GANG MTG BOX 46MM DEEP 1 GANG SWITCH DISCONNECTOR 100A *****OBOSLETE OFFER 721-7298****** PLUG COMMANDO 32A YEL.IP44 Low-Power Dual-/Triple-Voltage SC70 µP Supervisory Circuits CIRCUIT BREAKER RCBO 32A KEY FOR SECURITY SCREW MOUNTING BOX 47MM 2 GANG MOUNTING BOX 25MM 2 GANG MOUNTING BOX 25MM 1 GANG 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit ENCLOSURE 12 MODULE ENCLOSURE 20 MODULE MOUNTING BOX DRY LINER 1 GANG "PLUG""HOSPITAL PROPERTY""13A "PLUG""COMPANY PROPERTY""13A SWITCH PULLCORD 1 WAY SP 5A SWITCH PULLCORD 2 WAY SP 5A Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 接线端子溴代 ENCLOSURE 16 MODULE 围栏16模块 LAMPHOLDER PENDANT SET
|
3M Company Panasonic, Corp.
|
PE34889-24 PE34889-48 PE34889-12 |
CALBLE ASSEMBLY, RG188A/U, MMCX PLUG TO MMCX PLUG ANGLE
|
Pasternack Enterprises,...
|
M68AF031A M68AF031AL55B1E M68AF031AL55B1F M68AF031 |
256 Kbit (32K x 8) 5.0V Asynchronous SRAM 256千位2K的85.0V异步SRAM 256 Kbit (32K x 8) 5.0V Asynchronous SRAM 256千位2K的8.0V异步SRAM CONN PLUG .100 30POS DL PCB R/A 256千位2K的8.0V异步SRAM CONN PLUG .100 10POS DL PCB R/A
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
U10A20 U10A05 U10A10 U10A15 U10.05 |
FAST RECTIFIERS(10A,50-200V) FAST RECTIFIERS(10A/50-200V) NON MAGNETIC MMCX R/A PCB (F) RF/Coaxial Connector; RF Coax Type:MCX; Impedance:50ohm; Body Style:Straight Plug; Body Plating:Gold; Mounting Type:PCB Thru Hole RoHS Compliant: Yes
|
MOSPEC[Mospec Semiconductor] MOSPEC SEMICONDUCTOR CORP.
|
EMPCBMMCXFSTJACKHT |
MMCX (F) Jack For Edge PCB Mount
|
List of Unclassifed Manufacturers
|
908-NM43200 908-NM4320011 |
ASSEMBLY MMCX RG-178 R/A PLUG NON MAGNETIC
|
Amphenol Corporation
|
908-NM41300 908-NM4130011 |
ASSEMBLY MMCX, PLUG STR RG-316 NON MAGNETIC
|
Amphenol Corporation
|
908-NM4120011 |
ASSEMBLY MMCX PLUG STRAIGHT RG-178 NON MAGNETIC
|
Amphenol Corporation
|