PART |
Description |
Maker |
HA3-2839-5 HA3-2839-9 HA-2839_883 FN3593 HA1-2839- |
From old datasheet system Very High Slew Rate, Wideband Operational Amplifier 600MHz, Very High Slew Rate Operational Amplifier Very High Slew Rate,
Wideband Operational Amplifier(高转换率、宽带运算放大器) Very High Slew Rate/ Wideband Operational Amplifier 600MHz/ Very High Slew Rate Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
ISL83485 ISL83485IB ISL83485IP ISL83483 ISL83488 I |
N-CHANNEL SILICON JUNCTION FET SOT23 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 3.3V/ Low Power/ High Speed or Slew Rate Limited/ RS-485/RS-422 Transceivers 3.3V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers There is no valid match for the device number entered.
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ADM483 ADM483AR ADM483AR-REEL7 ADM483JR ADM483JR-R |
5V Low Power, Slew-Rate Limited 5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
AD[Analog Devices] ANALOG DEVICES INC
|
EL5100 EL5100IS EL5100IS-T EL5100IW-T EL5101IC-T E |
Triple, 200MHz, Slew Enhanced Voltage Feedback Amplifier with Enable Single, 200MHz High Speed Voltage Feedback Amplifier with Enable 200MHz Slew Enhanced VFA
|
INTERSIL[Intersil Corporation]
|
BA4510 BA4510F BA4510FV BA4510F/FV |
Dual high slew rate operational amplifier Standard LSIs Dual High Slew Rate Operational Amplifier(高转换速率双运 双高压摆率运算放大器(高转换速率双运放)
|
ROHM[Rohm] Rohm CO.,LTD. Rohm Co., Ltd.
|
ISL81487L ISL81487LIB-T ISL81487LIBZ-T ISL81487LIB |
5kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 5kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 5kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 5kV的ESD保护 / 8单位负载V,低功耗,高速或摆率限制,RS-485/RS-422收发 【15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL3170E07 ISL3174EIBZ ISL3177E ISL3177EIBZ ISL317 |
??5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 3.3V Full Duplex, 500kbps Slew Rate Limited With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 3.3V Full Duplex, 20Mbps With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R LINE TRANSCEIVER, PDSO14 5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO10 5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 【15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 卤15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
Intersil, Corp. Intersil Corporation
|
HA1-2542-5 HA3-2542-5 HA-2542 FN2899 |
70MHz, High Slew Rate, High Output Current Operational Amplifier From old datasheet system 70MHz/ High Slew Rate/ High Output Current Operational Amplifier 70MHz, High Slew Rate, High Output
Current Operational Amplifier(70MHz、高转换速率高输出电流运算放大器)
|
INTERSIL[Intersil Corporation]
|
ISL83070E07 ISL83076E ISL83076EIBZA ISL83070EIBZA |
卤15kV ESD Protected, 3.3V, Full Fail-safe,Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(卤15kV ESD 淇??, 3.3V宸ヤ?,RS-485/RS-422?跺??? ±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 隆戮15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 【15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 3.3V, Full Fail-safe,Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(±15kV ESD 保护, 3.3V工作,RS-485/RS-422收发 ± 15kV的ESD保护.3伏,全面故障保护,低功耗,高速或摆率限制,RS-485/RS-422收发器(± 15kV的ESD保护.3V的工作的RS-485/RS-422收发器)
|
Intersil Corporation Intersil, Corp.
|
A6818EEPTR-T A6818SEPTR-T |
Controlled output slew rate
|
Allegro MicroSystems
|
|