PART |
Description |
Maker |
EL521007 EL5210CS-T13 EL5410CS-T13 EL5210CS-T7 EL5 |
30MHz Rail-to-Rail Input-Output Op Amps(30MHz 满幅输入输出运放)
|
Intersil Corporation
|
FS100UM-03 |
100 A, 30 V, 0.0054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 Bench Power Supply; Output Voltage:30V; Output Current:3A; Number of Outputs:3; Calibrated:Yes; Certificate of Calibration:Yes; Output Current 2:.5A; Output Current 3:.5A; Output Voltage 2:12V; Output Voltage 3:5V HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
BCP72 |
PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BDP948 BDP950 Q62702-D1338 Q62702-D1336 |
From old datasheet system PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] SIEMENS A G
|
EL5210 EL5410CR EL5410CR-T13 EL5410CRZ EL5410CRZ-T |
30MHz Rail-to-Rail Input-Output Op Amps 1 CHANNEL, VIDEO AMPLIFIER, PDSO8 30MHz Rail-to-Rail Input-Output Op Amps 1 CHANNEL, VIDEO AMPLIFIER, PDSO14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
AD8010 AD80102000 AD8010AR-16-REEL7 AD8010AR-REEL |
Low Power, High Current Distribution Amplifier 200 mA Output Current High-Speed Amplifier 200 mA Output Current High Speed Amplifier
|
Analog Devices
|
PACDN046Y3 PACDN046Y6 PACDN046Y5 PACDN046Y4 PACDN0 |
Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:6.7A; Power Supply Mounting:Open Frame; External Depth:185mm; External Width:108mm; Operating Temp. Max:50 C Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :15VDC; Output Current 1:5.3A; Mounting Type:PCB; Output Current:5.3A; Output Current Max:7.3A; Output Current Min:0A; Output Power Max:110W RoHS Compliant: Yes TRANSIENT VOLTAGE SUPPRESSOR ARRAYS
|
California Micro Devices Corporation
|
BCP54-10 BCP54BCP56 Q62702-C2120 Q62702-C2148 Q627 |
NPN Silicon AF Transistors (For AF driver and output stages High collector current) NPN Silicon AF Transistors (For AF driver and output stages High collector current) NPN硅晶体管自动对焦(为自动驱动器和输出级高集电极电流) NPN Silicon AF Transistors (For AF driver and output stages High collector current) 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Siemens Semiconductor G...
|
MAX4173TESA MAX4173HESA MAX4173FESA MAX4173FEUTT M |
Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier 420μA Supply Current
|
Maxim Integrated Products
|
BC808-16W BC808-25W BC808-40W BC807-16W Q62702-C23 |
SH-Tiny Series, 7125 Group, Two ADC circuits, 6-ch 16-bit MTU2, Port Output Enable, 2-ch CMT, UBC, 15 mA IO -; Vcc= 4.5 to 5.5 volts, Temp= -20 to 85 C; Package: PVQN0052LE-A PNP Silicon AF Transistor (For general AF applications High collector current High current gain) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
DAN217 DAN217U |
Switch Mode Power Supply; Output Power:76.8W; No. of Outputs:1; Output 1 VDC :24VDC; Output Current 1:3.2A; Power Supply Mounting:Chassis; Output Current:3.2A; Output Power Max:76.8W; Output Voltage:24VDC; Series:JWS RoHS Compliant: Yes 开关二极管 Switching diode
|
Rohm Co., Ltd.
|