PART |
Description |
Maker |
GP1S56T |
Compact/ High Sensing Accuracy Type Photointerrupter with Positioning Pin Compact, High Sensing Accuracy Type Photointerrupter with Positioning Pin
|
Sharp Corporation SHARP[Sharp Electrionic Components]
|
960 |
Wideband High-Gain Amplifier Instrument
|
Frequency Devices, Inc.
|
ADP3338AKCZ-1.5-R7 ADP3338AKCZ-5-R7 ADP3338AKCZ-2. |
High Accuracy Ultralow Quiscent Current, 1A, anyCAP® Dropout Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 High Accuracy Ultralow Quiscent Current, 1A, anyCAP® Dropout Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 High Accuracy Ultralow Quiscent Current, 1A, anyCAP® Dropout Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 2.5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 TO-261AA, SOT-223, 3 PIN High Accuracy Ultralow Quiscent Current, 1A, anyCAP® Dropout Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 High Accuracy, Ultralow I Low Dropout Regulator High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADR3420 ADR3420ARJZ-R2 ADR3420ARJZ-R7 ADR3425 ADR3 |
Micro-Power, High-Accuracy Voltage References, 6-Lead SOT23, Ind Temp -40°C – 125 °C THREE TERM VOLTAGE REFERENCE, PDSO6 Micro-Power, Ind. Temp -40°C to 125°C, High-Accuracy Voltage References, 6-Lead SOT-23 THREE TERM VOLTAGE REFERENCE, PDSO6 Micro-Power, High-Accuracy Voltage References, Ind Temp -40°C – 125 °C, Package: 6 Pin, SOT23-6 THREE TERM VOLTAGE REFERENCE, PDSO6 Micropower, High Accuracy Voltage References
|
Analog Devices, Inc.
|
AD741 AD741LH AD741H |
Low Cost/ High Accuracy IC Op Amps ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection Low Cost, High Accuracy IC Op Amps OP-AMP, 6000 uV OFFSET-MAX, 1 MHz BAND WIDTH, MBCY8
|
Analog Devices, Inc.
|
ADR3412 ADR3420 ADR3425 ADR3430 ADR3433 ADR3440 AD |
Micro-Power, High-Accuracy 1.2V Voltage Reference Micro-Power, High-Accuracy 2.048V Voltage Reference Micro-Power, High-Accuracy 2.5V Voltage Reference Micro-Power, High-Accuracy 3.0V Voltage Reference Micro-Power, High-Accuracy 3.3V Voltage Reference Micro-Power, High-Accuracy 4.096V Voltage Reference Micro-Power, High-Accuracy 5.0V Voltage Reference
|
Analog Devices
|
63410 63420 63930 63940 6301-16GK 6301-14RK |
Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package 4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input Optoelectronic 光电
|
Advanced Interconnections, Corp.
|
ACS722KMATR-40AB-T |
High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
|
Allegro MicroSystems
|
ADP3307 ADP3307ART-27 ADP3307ART-3 ADP3307ART-32 A |
High Accuracy anyCAP⑩ 100 mA Low Dropout Linear Regulator High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
|
AD[Analog Devices]
|
ADP3303A ADP3303AARU-REEL ADP3309 ADP3300 ADP3301 |
High Accuracy anyCAP⑩ Adjustable 200 mA Low Dropout Linear Regulator High Accuracy anyCAP Adjustable 200 mA Low Dropout Linear Regulator
|
AD[Analog Devices]
|
|