PART |
Description |
Maker |
2SA1813 0156 |
PNP Epitaxial Planar Silicon Transistor Low-Frequency General-Purpose Amplifier Driver, Muting Circuit Applications From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1766 |
PNP Epitaxial Planar Silicon Transistor High hFE, Low-Frequency General-Purpose Amplifier Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1763 |
PNP Epitaxial Planar Silicon Transistor High-Speed Switching Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1969 |
PNP Epitaxial Planar Silicon Transistor High-Frequency Medium-Output Amplifier,Medium-Current Ultrahigh-Speed Switching Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA2040 2SC5707 C5707 2SA2040TP 2SA2040TP-FA 2SC57 |
PNP Epitaxial Planar Silicon Transistors High Current Switching Applications PNP / NPN Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 8A I(C) | TO-251VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 8A I(C) | TO-252VAR Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2SB1508 2SD2281 |
PNP Epitaxial Planar Silicon Transistors 50V/12A High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1701 |
PNP Epitaxial Planar Silicon Transistors Low-Frequency General-Purpose Amplifier Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1847 |
PNP epitaxial type silicon transistor PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
|
NEC[NEC]
|
2SA1648 2SA1648-Z 2SA1648-Z-T2 2SA1648-Z-T1 2SA164 |
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING PNP epitaxial type silicon transistor
|
NEC Corp.
|
2SA1469 2SC3746 |
PNP Epitaxial Planar Silicon Transistors 60V/5A High-Speed Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SD2282 2SB1509 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
BC80725MTFNL BC80816MTF FAIRCHILDSEMICONDUCTORCORP |
PNP Epitaxial Silicon Transistor 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|