PART |
Description |
Maker |
RL207-TP RL206-TP RL205-TP RL202-TP |
DIODE STD REC 2A 1000V DO15 2 A, 1000 V, SILICON, RECTIFIER DIODE, DO-15 DIODE STD REC 2A 800V DO15 2 A, 800 V, SILICON, RECTIFIER DIODE, DO-15 DIODE STD REC 2A 600V DO15 2 A, 600 V, SILICON, RECTIFIER DIODE, DO-15 DIODE STD REC 2A 100V DO15 2 A, 100 V, SILICON, RECTIFIER DIODE, DO-15
|
Micro Commercial Components, Corp.
|
BA7181 BA7181FS A5801059 |
Video LSIs > VCR video signal processor > PRE/REC amplifier From old datasheet system 2-channel PRE / REC amplifier with auto-tracking interface
|
ROHM[Rohm] Rohm CO.,LTD.
|
GMS81608 GMS81608K GMS81608PL GMS81608T GMS8160XK |
LG Semicon 8-bit Microcontrollers LG电子半导位微控制 IC VOICE REC/PLAY 16MIN 28-SOIC IC VOICE REC/PLAY 16MIN 28-DIP
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
GS1G-TP GS1M-TP GS1B GS1A-11 |
DIODE STD REC 1A 400V DO214AC 1 A, 400 V, SILICON, SIGNAL DIODE, DO-214AC DIODE STD REC 1A 1000V DO214AC 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-214AC 1 Amp Silicon Rectifier 50 to 1000 Volts
|
Micro Commercial Components, Corp. Micro Commercial Compon...
|
87263-4223 87263-0893 87263-1025 87263-1095 87263- |
MGrid B/E Rec SMT W/Pg .38AuLF 42Ckt 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid B/E Rec W/Cap T&R .38AuLF 8Ckt 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec B/E SMT W/Pg .76AuLF 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec B/E W/Cap T&R .76AuLF 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid B/E Rec W/Cap T&R .38AuLF 24Ckt 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
CPW2-0650-S006B |
Z-Rec? Rectifier
|
Wolfspeed
|
87340-0423 87340-1223 87340-1224 87340-1023 87340- |
MGrid Rec SMT VLPR2 /Pg .76AuLF 4Ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec SMT VLPR2 /Pg .76AuLF 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec SMT VLPR2 /Pg .38AuLF 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec SMT VLPR2 /Pg .76AuLF 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec SMT VLPR2 /Pg .76AuLF 20Ckt 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc.
|
L601S0275 L601S0575 L601F0275 L601F0575 |
CCIR REC.601 FILTERS
|
Faraday Technology
|
CXD8989R |
CMOS A/V Data REC Processor
|
ETC
|
1N5408-TP |
DIODE STD REC 3A 1000V DO201AD
|
MICRO COMMERCIAL COMPONENTS
|
|