PART |
Description |
Maker |
TMP68000YC-10 TMP68000YC-12 TMP68000N-12 TMP68HC00 |
16-BIT, 10 MHz, MICROPROCESSOR, CPGA68 PGA-68 16-BIT, 12.5 MHz, MICROPROCESSOR, CPGA68 PGA-68 16-BIT, 12.5 MHz, MICROPROCESSOR, PDIP64 SHRINK, DIP-64 16-BIT, 12.5 MHz, MICROPROCESSOR, PDIP64 0.750 INCH, PLASTIC, SDIP-64 16-BIT, 12.5 MHz, MICROPROCESSOR, PQCC68 0.950 INCH, PLASTIC, QFJ-68 16-BIT, 12.5 MHz, MICROPROCESSOR, PDIP64 PLASTIC, DIP-64
|
Advanced Micro Devices, Inc. HIROSE ELECTRIC Co., Ltd.
|
MPC8543VUANG MPC8543VUANGA MPC8543VUANGB MPC8548VT |
32-BIT, 800 MHz, MICROPROCESSOR, CBGA783 29 X 29 MM, 1 MM PITCH, FLIP CHIP, LEAD FREE, CERAMIC, BGA-783 32-BIT, 1000 MHz, MICROPROCESSOR, PBGA783 32-BIT, 1000 MHz, MICROPROCESSOR, CBGA783
|
Freescale Semiconductor, Inc. FREESCALE SEMICONDUCTOR INC
|
MR80C88-2B 5962-8601601QA |
CMOS 8/16-Bit Microprocessor 16位产品的CMOS微处理器 CMOS 8/16-Bit Microprocessor 16-BIT, 5 MHz, MICROPROCESSOR, CDIP40
|
Intersil, Corp.
|
HS1-80C86RH-8 HS9-80C86RH-8 HS9-80C86RH-Q HS1-80C8 |
Radiation Hardened 16-Bit CMOS Microprocessor 16-BIT, 5 MHz, MICROPROCESSOR, CDFP42
|
Intersil, Corp. http://
|
HD64180ZCPJ-6 HD64180ZCP-6 HD64180ZCP-4 HD64180ZFJ |
8-BIT, 6.17 MHz, MICROPROCESSOR, PQCC68 PLASTIC, LCC-68 8-BIT, 4 MHz, MICROPROCESSOR, PQCC68 PLASTIC, LCC-68 8-BIT, 8 MHz, MICROPROCESSOR, PQFP80 PLASTIC, FP-80 8-BIT, 6.17 MHz, MICROPROCESSOR, PQFP80 PLASTIC, FP-80 8-BIT, 10 MHz, MICROPROCESSOR, PQFP80 PLASTIC, FP-80 8-BIT, 10 MHz, MICROPROCESSOR, PDIP64 SHRINK, PLASTIC, DIP-64
|
Cypress Semiconductor, Corp. Samtec, Inc. Incon, Inc.
|
CDP1802ACQ CDP1802ACEX CDP1802ACDX |
CMOS 8-Bit Microprocessors 8-BIT, 3.2 MHz, MICROPROCESSOR, PQCC44 CMOS 8-Bit Microprocessors 的CMOS 8位微处理 CMOS 8-Bit Microprocessors 8-BIT, 3.2 MHz, MICROPROCESSOR, PDIP40 CMOS 8-Bit Microprocessors 8-BIT, 3.2 MHz, MICROPROCESSOR, CDIP40
|
Intersil, Corp. HARRIS SEMICONDUCTOR
|
SCF5250DAG1201 SCF5250AG120 SCF5250EAG1202 SCF5250 |
32-BIT, 120 MHz, MICROPROCESSOR, PQFP144 Integrated ColdFire Microprocessor Data Sheet
|
FREESCALE SEMICONDUCTOR INC Freescale Semiconductor, Inc Freescale Semiconductor...
|
N80C186XL-16 A80C186XL-16 N80C188XL-16 TR80C188XL- |
16-Bit Microprocessor 16位微处理 Microprocessor 微处理器
|
Panduit, Corp. RF Monolithics, Inc.
|
UPD70208HLP-10 UPD70208HGF-16-3B9 UPD70208HLP-12 U |
V40HLTM, V50HLTM 16/8, 16-BIT MICROPROCESSOR V40HLTM/ V50HLTM 16/8/ 16-BIT MICROPROCESSOR V40HLTM, V50HLTM 16/8, 16-BIT MICROPROCESSOR V40HLTM,V50HLTM 16 / 86位微处理 V40HLTM, V50HLTM 16/8, 16-BIT MICROPROCESSOR V40HLTM,V50HLTM 16 / 816位微处理 CONNECTOR ACCESSORY
|
NEC, Corp. NEC Corp.
|
K4H510438B-UC/LA2 K4H510838B-UC/LA2 K4H510438B-UC/ |
8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-PDIP 512MB的乙芯片DDR SDRAM内存规格 8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-SOIC 8-Bit, 22 kSPS ADC Serial Out, uProcessor Periph./Standalone, Mux option w/SE or differential, 2 Ch. 8-SOIC 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-SSOP 0 to 70 512Mb B-die DDR SDRAM Specification
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. http://
|
RJ80530UY850512 RJ80530LY800512 |
32-BIT, 850 MHz, MICROPROCESSOR, PBGA479 MICRO, FCBGA-479 32-BIT, 800 MHz, MICROPROCESSOR, PBGA479
|
Intel, Corp. INTEL CORP
|
MC68EC030FE40C MC68EC030FE25CB1 MC68030CRC25C MC68 |
32-BIT, 40 MHz, MICROPROCESSOR, CQFP132 LEAD FREE, CERAMIC, QFP-132 32-BIT, 25 MHz, MICROPROCESSOR, CQFP132 LEAD FREE, CERAMIC, QFP-132 32-BIT, 25 MHz, MICROPROCESSOR, CPGA128 32-BIT, 20 MHz, MICROPROCESSOR, CQFP132
|
Freescale Semiconductor, Inc. FREESCALE SEMICONDUCTOR INC
|
|