PART |
Description |
Maker |
PD70F3461-15 |
V850E/CAG4-M 32-Bit Single-Chip Microcontroller
|
Renesas Electronics Corporation
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
MAX1135BEAP MAX1134 MAX1134BCAP MAX1134BEAP MAX113 |
16-Bit ADCs / 150ksps / 3.3V Single Supply From old datasheet system Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 0 to 70 16-Bit ADCs, 150ksps, 3.3V Single Supply 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 16-Bit ADCs.150ksps.3.3V Single Supply 150ksps6位ADC.3V单电源供
|
http:// MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LPC2387FBD100551 LPC2387FBD100 |
Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC; Package: SOT407-1 (LQFP100); Container: Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PQFP100
|
NXP Semiconductors N.V.
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
LPC2124 |
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC Single Chip 32-bit Microcontroller Erratasheet
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
S87C652-4F40 S87C652-4A44 83C652 S87C652-7K44 P83C |
CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 8 MHz, MICROCONTROLLER, CDIP40 CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 10 MHz, MICROCONTROLLER, CQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
8050AH P8749H P8748H 8039AHL 8035AHL 8049AH 8040AH |
HMOS single-component 8-bit microcontroller, programmable ROM = 1K x 8, 64 x 8 data memory HMOS SINGLE-COMPONENT 8-BIT MICROCONTROLLER HMO的单分量8位微控制 IGBT Modules up to 1200V Chopper; Package: PG-TQFP-100; Max Clock Frequency: 20.0 MHz; SRAM (incl. Cache): 6.0 KByte; CAN Nodes: 0; A / D input lines Hmos Single-Component 8 Bit Microcontroller
|
Intel, Corp. Intel Corp. INTEL[Intel Corporation] http://
|
MAX1156-MAX1174 MAX1174ACUP MAX1174AEUP MAX1174BCU |
14-Bit 135ksps Single-Supply ADCs with Bipolar Analog Input Range 14-Bit / 135ksps / Single-Supply ADCs with Bipolar Analog Input Range "14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range" 1300/8000 Series Lucent STII Fiber Die 14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO20 14-Bit.135ksps.Single-Supply ADCs with Bipolar Analog Input Range
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|