PART |
Description |
Maker |
L36SA05010NRFA |
Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out 德尔福系列L36SA × 1.60瓦系列DC / DC电源模块1875V的中.0V/10A
|
TE Connectivity, Ltd.
|
MRB31-3.5-V |
Standard : UL - IEC 300V - 250V 10A - 10A
|
Eldeco Srl
|
P3500BA70 P2600BA70 P3100BA70 |
SIDAC|400V V(BO) MAX|10A I(S)|TO-92 SIDAC|300V V(BO) MAX|10A I(S)|TO-92 SIDAC|350V V(BO) MAX|10A I(S)|TO-92 SIDAC的| 350V五(公报)最大| 10A条口(县)|2
|
SIEMENS AG
|
DNS12S0A0R10NFB |
Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out 德尔福移民局的,非隔离负载点DC / DC电源模块.8 5.5Vin.75-3.3V/10A
|
Delta Electronics, Inc.
|
FSD20A90 |
Miniature Power Relay, 1 Form A 1 Form B, 10A 250VAC 10A 30VDC, 2 Coil Latching 20 A, 900 V, SILICON, RECTIFIER DIODE
|
Nihon Inter Electronics, Corp.
|
SBA100-09Y |
Schottky Barrier Diode (Twin Type Cathode Common) 90V, 10A Rectifier 90V/ 10A Rectifier
|
SANYO[Sanyo Semicon Device]
|
100JB12L 35MB100A 35MB10A 35MB120A 100JB10L 100JB1 |
10 to 35 Amp Rectifier Bridges V(rrm): 400V; 25A rectifier bridge V(rrm): 1200V; 35A rectifier bridge V(rrm): 100V; 25A rectifier bridge V(rrm): 1000V; 25A rectifier bridge V(rrm): 1000V; 10A rectifier bridge V(rrm): 100V; 10A rectifier bridge V(rrm): 400V; 10A rectifier bridge V(rrm): 1200V; 10A rectifier bridge V(rrm): 50V; 10A rectifier bridge V(rrm): 200V; 10A rectifier bridge V(rrm): 600V; 10A rectifier bridge V(rrm): 800V; 10A rectifier bridge V(rrm): 1200V; 25A rectifier bridge V(rrm): 1000V; 35A rectifier bridge V(rrm): 50V; 25A rectifier bridge V(rrm): 600V; 25A rectifier bridge
|
IRF[International Rectifier]
|
STH10NC60FI STW10NC60 STH10NC60 |
N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?┥I MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?II MOSFET N-CHANNEL 600V - 0.6 OHM - 10A - TO-247/ISOWATT218 POWERMESH MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMeshII MOSFET N-CHANNEL Power MOSFET N-CHANNEL Power MOS MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh⑩II MOSFET N沟道600V 0.6ohm - 10A TO-247/ISOWATT218 PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 0.6 OHM - 10A - TO-247/ISOWATT218 POWERMESH MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
42050-910 42050 42050-055 42050-109 42050-128 4205 |
30V DC; 10A; positive voltage regulator. For use in general purpose applications 26V DC; 10A; positive voltage regulator. For use in general purpose applications 24V DC; 10A; positive voltage regulator. For use in general purpose applications 22V DC; 10A; positive voltage regulator. For use in general purpose applications 28V DC; 10A; positive voltage regulator. For use in general purpose applications POSITIVE VOLTAGE REGULATORS CRYSTAL 32.768KHZ 8PF CYLINDER XTAL MTL T/H 2X6 WATCH CRYSTAL 32.768KHZ 6PF SMD XTAL MTL T/H 3X8 WATCH XTAL CER SMT OTHER 5.0 AMP POSITIVE VOLTAGE REGULATOR XTAL SMT WATCH 8X4 4PAD 28 V FIXED POSITIVE REGULATOR, BFM2 XTAL SMT WATCH 10X4 4PAD 32 V FIXED POSITIVE REGULATOR, BFM2
|
MICROPAC[Micropac Industries] Micropac Industries, Inc. MICROPAC INDUSTRIES INC
|