PART |
Description |
Maker |
TSC87251G2D TSC83251G2D |
0.5 Um SCMOS3 Technology
|
TEMIC[TEMIC Semiconductors]
|
PIC18F248009 PIC18F4480-E_ML PIC18LF4480-E_ML PIC1 |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
|
Microchip Technology
|
PIC18LF4685T-I_SP PIC18F2682 PIC18F2682-I_ML PIC18 |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
|
MICROCHIP[Microchip Technology]
|
PIC18F4585-P |
Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
|
Microchip Technology Inc.
|
SIGC07T60SNC |
IGBT Chip in NPT-technology 600V NPT technology positive temperature coefficient
|
Infineon Technologies AG
|
PIC18F44800TI_SOQTP PIC18F44800TE_SOSQTP PIC18F448 |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin增强型闪存微控制器与ECAN技术,10A / D和纳瓦技 28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin增强型闪存微控制器与ECAN技术,10位A / D和纳瓦技 DEM9PB
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
SIGC25T60SNC |
IGBT Chip in NPT-technology 600V NPT technology 100μm chip short circuit prove
|
Infineon Technologies AG
|
HDG320240 320240 |
Chip On Glass technology 320 X 240 Dots Graphics Chip On Glass technology 在玻璃芯片技
|
List of Unclassifed Manufacturers ETC[ETC] Hantronix,Inc Electronic Theatre Controls, Inc.
|
Q67040-S4274 Q67040-S4276 Q67040-S4275 SGW15N120 S |
Fast S-IGBT in NPT-Technology Fast IGBT in NPT-technology 在不扩散核武器条约快速IGBT技 IGBTs & DuoPacks - 15A 1200V TO220AB IGBT
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
IRF7101PBF IRF7101TRPBF IRF7101PBF-15 |
ADVANCED PROCESS TECHNOLOGY HEXFET? Power MOSFET HEXFET㈢ Power MOSFET Adavanced Process Technology
|
IRF[International Rectifier]
|
S29GL512N10FFI013 S29GL512N10FFI012 S29GL256N11TFI |
3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBitProcess Technology 32M X 16 FLASH 3V PROM, 100 ns, PBGA64 3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBitProcess Technology 16M X 16 FLASH 3V PROM, 110 ns, PDSO56 3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
|
Spansion, Inc. SPANSION LLC
|
1202PB500R00JB 1202PB500R00KB 1202PB500R00MB 1202Y |
Bulk Metal? Foil Technology Precision Trimming Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Bulk Metal庐 Foil Technology Precision Trimming Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Bulk Metal垄莽 Foil Technology Precision Trimming Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Bulk Metal㈢ Foil Technology Precision Trimming Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style,
|
Vishay Siliconix
|