PART |
Description |
Maker |
TEA1401T |
Power plug for the universal mains
|
Philips Semiconductors
|
PALCE16V8H-5JC/5 PALCE16V8H-10PC/4 PALCE16V8H-15PC |
EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PQCC20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PDSO20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PDIP20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 15 ns, PQCC20 KPTC 3C 3#20 SKT PLUG EE PLD, 15 ns, PDIP20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 7.5 ns, PDSO20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 7.5 ns, PQCC20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 7.5 ns, PDIP20 KPT 5C 5#16 SKT RECP KPTC 4C 4#20 PIN PLUG KPT 4C 4#20 PIN PLUG EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
RUMC3AB1BD |
universal plug-in relay - Zelio RUM - 3 C/O - 24 V DC - 10 A
|
List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
PSA05E-120 PSA05E-150 PSA05E-033 PSA05E-050 |
5 Watt - Universal Input - European Plug
|
Phihong USA Inc.
|
ISP1107W ISP1105 ISP1106 ISP1106DH ISP1105W ISP110 |
GT 5C 5#16 PIN PLUG Advanced Universal Serial Bus transceivers
|
NXP Semiconductors
|
03-09-2048 03-09-2048-P |
CONN PLUG 4POS .093 4 CONTACT(S), MALE, POWER CONNECTOR, PLUG .093/(2.36) HOUSINGS PLUG & RECEPTACLE 4 CKT, .248/(6.30) CTRS
|
Molex, Inc. Molex Electronics Ltd.
|
0480372001 48037-2001 |
Universal Serial Bus (USB) Shielded I/O Plug, Type A, Right Angle, Surface Mount,0.76渭m (30渭") Gold (Au) Plating, PCB Thickness 1.60mm (.063"), Tape on Reel Pac Universal Serial Bus (USB) Shielded I/O Plug, Type A, Right Angle, Surface Mount,0.76μm (30μ) Gold (Au) Plating, PCB Thickness 1.60mm (.063), Tape on Reel Package
|
Molex Electronics Ltd.
|
HVP500 HVP500-T033EI HVP500-T033EK HVP500-T033EM H |
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC N 1 REDUNDANCY AND ACTIVE CURRENT SHARING ENCLOSURE PLUG-IN BOX TRIPLE OUTPUT 500 WATTS INTERNAL SWITCHING
|
HITRON ELECTRONICS CORPORTION
|
0480370001 0480370001-18 |
Universal Serial Bus (USB) Shielded I/O Plug, Type A, Right-Angle, Through Hole, 0.76μm Gold (Au) Plating, PCB Thickness 1.20mm-1.60mm, Lead-Free
|
Molex Electronics Ltd.
|
|