PART |
Description |
Maker |
SI8050 SI8050S SI-8050S SI-8033 SI-8033S SI-8090S |
Full-Mold, Separate Excitation Switching Type 3 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, PZFM5 Full-Mold/ Separate Excitation Switching Type Power Supply Miscellaneous
|
SANKEN ELECTRIC CO LTD Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. Allegro
|
STK730-010 STK730-060 STK730-020 STK730-070 STK730 |
Self-excitation Type Semi-Regulated Switching Regulator
|
Inchange Semiconductor Company Limited
|
STK6711AMK4 STK6711BMK4 STK6714AMK4 STK6714BMK4 ST |
(STK6711AMK4 - STK6714BMK4) 4-Phase Stepping Motor Driver Unipolar Self-Excitation Type(Io = 1.5A)
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
STK730-060 STK730-090 STK730-010 STK730-020 STK730 |
Self-Excitation Type Semi-Regulated (World Spec) Switching Regulator (110W Output)
|
SANYO[Sanyo Semicon Device]
|
SI-8921L SI-8811L SI-8922L SI-8800L SI-8911L |
Separate Excitation Switching Type with Transformer 0.3 A SWITCHING REGULATOR, 68 kHz SWITCHING FREQ-MAX, DMA9 Separate Excitation Switching Type with Transformer 0.45 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, DMA9
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
STK730-020 |
(STK730-010 - STK730-090) Self Excitation Type Semi Regulated Switching Regulator
|
Sanyo Electric
|
SI-8501LE SI-8502LE SI-8503LE SI-8504LE SI-8505LE |
Separate Excitation Switching Regulator with Coil(12V带线圈分激开关稳压器) 1 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, DSS5 Separate Excitation Switching Regulator with Coil(3.3V带线圈分激开关稳压器) Separate Excitation Switching Regulator with Coil(5V带线圈分激开关稳压器) Switching Regulator IC with Coil
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd.
|
AD7711 AD7711SQ AD7711AR EVAL-AD7711EB AD7711AN AD |
CMOS, 24-Bit Sigma-Delta, Signal Conditioning ADC with Matched RTD Excitation Currents LC2MOS Signal Conditioning ADC with RTD Excitation Currents
|
AD[Analog Devices]
|
STR7100 STR7103 STR7002 STR7102 STR7102SI-8021 STR |
Circular Connector; Body Material:Aluminum Alloy; Series:MS3110; Number of Contacts:39; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket Separate Excitation Switching Type
|
Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
SC5203 SC5203-3.0CSK SC5203-3.3CSK SC5203-3.6CSK S |
5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 3.8 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR 80mA的超低压降稳压器 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 200 psi, Absolute, Cell with body o-ring, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Vacuum Gage, 1/4-18 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Vacuum Gage, 1/8-27 NPT, 10 Vdc excitation
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
XFPMC-105KPA XFPMC-105KPAR |
Pre-amplified/5V Excitation/Absolute
|
Fujikura Ltd.
|