PART |
Description |
Maker |
2SK2608 |
Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR APPLICATIONS)
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
NTE7046 |
Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 Integrated Circuit Hybrid Switching Regulator
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
HA16664AFP HA16664APS HA16654 HA16654A HA16654AFP |
Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 PWM Controlled Switching Regulator
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
UPC1909 UPC1909CX UPC1909GS |
Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 SWITCHING REGULATOR CONTROL IC
|
NEC, Corp. NEC[NEC]
|
MAX638 MAX638ACPA MAX638ACSA MAX638AEPA MAX638AESA |
Isolated Flyback Switching Regulator with 9V Output 0.525 A SWITCHING REGULATOR, 65 kHz SWITCHING FREQ-MAX, PDIP8 Circular Connector; Body Material:Aluminum Alloy; Series:KPT02; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin From old datasheet system 5V/Adjustable CMOS Step-down Switching Regulator
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
PF380D25R PF480D25R |
Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 Programmable Reference; Package: TO-92; No of Pins: 3; Temperature Range: -40°C to 85°C
|
Crydom, Inc.
|
RFB300 RFB300-24S12Y RFB300-24S28Y RFB30024S125TJ |
1-OUTPUT 350 W DC-DC REG PWR SUPPLY MODULE high efficiency, enclosed, isolated dc-dc converter DC-DC / Industry Standard Isolated RF Power
|
Emerson Network Power
|
LT1765 LT1765-1.8 LT1765-2.5 LT1765-3.3 LT1765-5 |
Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 Monolithic 3A/ 1.25MHz Step-Down Switching Regulator Monolithic 3A, 1.25MHz Step-Down Switching Regulator
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
SG1526BJ-883B |
Flyback, Forward and Isolated
|
Microsemi
|
AAC143E-D8A-G-LF AAC143E-F8A-G-LF-TR AAC143E-F8A-G |
Flyback, Forward and Isolated
|
Microsemi
|
AAC243E-D8A-G-LF AAC243E-F8A-G-LF-TR AAC243E-F8A-G |
Flyback, Forward and Isolated
|
Microsemi
|
LT3748EMSPBF LT3748IMSPBF LT3748EMSTRPBF LT3748IMS |
100V Isolated Flyback Controller
|
Linear Technology
|