PART |
Description |
Maker |
STB4NC60 8256 STB4NC60T4 |
INTEGRATED EC000 MPU N沟道600V 1.8ohm - 4.2A D2PAK封装MOSFET的第二PowerMesh N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh?II MOSFET N-CHANNEL 600V 1.8 OHM 4.2A D2PAK POWERMESH II MOSFET From old datasheet system N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh⑩II MOSFET N-CHANNEL 600V 1.8 OHM 4.2A D2PAK POWERMESH II MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STD5NM60 |
N-CHANNEL 600V - 0.8ohm - 5A DPAK MDmesh Power MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STP5NC70Z STP5NC70ZFP STB5NC70Z STB5NC70Z-1 |
N-CHANNEL 700V - 1.8ohm - 4.6A TO-220/FP/D?PAK/I?PAK Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 700V - 1.8ohm - 4.6A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 700V - 1.8ohm - 4.6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
SSH10N60A |
BV(dss): 600V / R(ds): 0.8Ohm / I(d): 10A / advanced power MOSFET
|
Fairchild Semiconductor
|
IRFU320 IRFR320 IRFR320PBF IRFR320TR IRFR320TRL IR |
3.1 A, 400 V, 1.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA Power MOSFET(Vdss=400V Rds(on)=1.8ohm Id=3.1A) Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=3.1A) 400V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
IRF[International Rectifier]
|
SSW4N60B SSI4N60B SSI4N60BTU SSW4N60BTM |
600V N-Channel MOSFET 4 A, 600 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 600V N-Channel B-FET / Substitute of SSI4N60A 600V N-Channel B-FET / Substitute of SSW4N60A
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HGT1S12N60A4S HGTG12N60A4 HGTP12N60A4 FN4656 HGT1S |
600V, SMPS Series N-Channel IGBT From old datasheet system 600V/ SMPS Series N-Channel IGBT 600V, SMPS Series N-Channel IGBT(600V,SMPS系列 N沟道绝缘栅双极型晶体 54 A, 600 V, N-CHANNEL IGBT, TO-247 600V, SMPS Series N-Channel IGBT(600V,SMPS系列 N沟道绝缘栅双极型晶体 54 A, 600 V, N-CHANNEL IGBT, TO-263AB 600V, SMPS Series N-Channel IGBT 54 A, 600 V, N-CHANNEL IGBT, TO-220AB
|
INTERSIL[Intersil Corporation] Intersil, Corp. Fairchild Semiconductor, Corp.
|
FQD3N60CTMWS FQU3N60C |
N-Channel QFETMOSFET 600V, 2.4A, 3.4 N-Channel QFET® MOSFET 600V, 2.4A, 3.4Ohms
|
Fairchild Semiconductor
|
FCH20N60NBSP FCA20N60NBSP FCH20N60 FCA20N60 |
600V N-Channel SuperFET 600V N-Channel MOSFET From old datasheet system
|
Fairchild Semiconductor
|
HGT1S12N60B3DS HGTP12N60B3D HGTG12N60B3D FN4411 |
27A, 600V, UFS Series N-Channel IGBTs with Anti-Parallel Hyperfast Diode(27A, 600V, UFS系列带超快二极管 N沟道绝缘栅双极型晶体 27 A, 600 V, N-CHANNEL IGBT, TO-263AB From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|