PART |
Description |
Maker |
IRFU420 IRFR420 FN2411 |
2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFETs(2.5A, 500V, 3.000 Ω, N沟道功率MOS场效应管) 2.5A 500V 3.000 Ohm N-Channel Power MOSFETs From old datasheet system
|
INTERSIL[Intersil Corporation]
|
STP20NK50Z STB20NK50Z STB20NK50Z-S STB20NK50ZT4 ST |
RESNET 51-OHM 8-ELEMENT 5% 0.063W THK-FILM CONCAVE SMD-4.0X2.1 TR-7-PL RESISTOR ARRAY Thick Film Resistor Network; Series:RNA4A; Resistance:47kohm; Resistance Tolerance: /- 5 %; Power Rating:0.063W; Voltage Rating:25V; Temperature Coefficient: /-250 ppm; Package/Case:10-SOIC; Network Circuit Type:Dual Termination N-CHANNEL 500V -0.23Ω- 17A TO-220/D2PAK/I2SPAK/TO-247 Zener-Protected SuperMESH MOSFET N-CHANNEL 500V -0.23 OHM - 17A TO-220/D2PAK/I2SPAK/TO-247 N-CHANNEL 500V -0.23ヘ- 17A TO-220/D2PAK/I2SPAK/TO-247 Zener-Protected SuperMESH⑩ MOSFET N-CHANNEL 500V - 0.23 OHM - 17A TO-220 / D2PAK / I2SPAK / TO-247 ZENER-PROTECTED SUPERMESH MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STB6NB50 STB6NB50-1 |
FUSE/SM .8W, VMAX = 6 VDC, I(TRIP) = 2.2 A 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 5.8AI(四)|62AA N-CHANNEL Power MOSFET N - CHANNEL 500V - 1.35ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET N - CHANNEL 500V - 1.35 Ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET
|
STMicroelectronics N.V. ST Microelectronics SGS Thomson Microelectronics
|
FQN1N50CTA FQN1N50C |
N-Channel QFETMOSFET 500V, 0.38A, 6 N-Channel QFET MOSFET 500 V, 0.38 A, 6 Ohm
|
Fairchild Semiconductor
|
MDF16N50G |
N-Channel MOSFET 500V, 16.0 A, 0.35(ohm)
|
MagnaChip Semiconductor...
|
MDF18N50BTH |
N-Channel MOSFET 500V, 18.0 A, 0.27(ohm)
|
MagnaChip Semiconductor...
|
STW20NM50 |
N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh?┬ower MOSFET N-CHANNEL Power MOSFET N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh⑩Power MOSFET N-CHANNEL 500V - 0.20 OHM - 20A TO-247 MDMESH POWER MOSFET N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh?Power MOSFET N-CHANNEL 500V - 0.20 OHM - 20A TO-247 MDMESH POWER MOSFET
|
??????浣? ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRFIB7N50A IRFIB7N50APBF |
6.6 A, 500 V, 0.52 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A) HEXFET? Power MOSFET 500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRF460 IRF460NBSP IRF460PBF |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AE package HEXFET?TRANSISTORS 500V, N-CHANNEL N-Channel Enhancement MOSFET From old datasheet system TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21) REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?TRANSISTORS THRU-HOLE (TO-204AA/AE)
|
IRF[International Rectifier]
|
IRF420 IRF421 IRF422 IRF423 |
2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs 2.2A and 2.5A/ 450V and 500V/ 3.0 and 4.0 Ohm/ N-Channel Power MOSFETs
|
Intersil Corporation
|
STP10NB50 |
N-CHANNEL 500V - 0.55 OHM - 10.6A - TO-220 POWERMESH MOSFET
|
ST Microelectronics
|