PART |
Description |
Maker |
DGH156Q2R7 |
Supercapacitor
|
Illinois Capacitor, Inc...
|
LTC3225 LTC3225EDDB-TRMPBF LTC3225EDDB-TRPBF |
150mA Supercapacitor Charger
|
Linear Technology
|
CAT3224 |
4 Amp Supercapacitor Flash LED Driver
|
ON Semiconductor
|
LTC3226 LTC3226IUD |
2-Cell Supercapacitor Charger with Backup PowerPath Controller
|
Linear Integrated Systems
|
LTC3128-15 |
3A Monolithic Buck-Boost Supercapacitor Charger and Balancer with Accurate Input Current Limit
|
Linear Technology
|
SL3522NA1C |
Supercapacitor; Capacitance:0.33F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin
|
Mitel Networks Corporation
|
STD2NA60 |
Supercapacitor; Capacitance:0.47F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
2N718A 2N956 2N1711 |
Supercapacitor; Capacitance:30F; Series:EDL; Voltage Rating:2.3VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Radial; Termination:Radial Leaded; ESR:0.1ohm; Lead Pitch:7.5mm; Operating Temp. Max:70 C RoHS Compliant: Yes GENERAL PURPOSE TRANSISTOR (NPN SILICON)
|
Boca Semiconductor Corp. BOCA[Boca Semiconductor Corporation]
|
STD2NA50 4862 STD2NA50-1 |
OLD PRODUCT: NOT SUITABLE FOR NEW DESIGN-IN From old datasheet system N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR Supercapacitor; Capacitance:0.047F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin; Termination:Radial Leaded; ESR:120ohm; Lead Pitch:5mm; Operating Temp. Max:70 C RoHS Compliant: Yes N-CHANNEL MOSFET
|
SGS Thomson Microelectronics STMicroelectronics 意法半导 ST Microelectronics
|
2N2484 2N2920 2N2483 2N930 2C2484 |
Chip Type 2C2484 Geometry 0307 Polarity NPN 片式2C2484几何0307极性npn Supercapacitor; Capacitance:1F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin; Termination:Radial Leaded; ESR:50ohm; Lead Pitch:5mm; Operating Temp. Max:85 C RoHS Compliant: Yes Type 2N2484 Geometry 0220 / 0307 Polarity NPN
|
SEMICOA[Semicoa Semiconductor]
|
M28010-10WKA1T M28010-10WNA1T M28010-10WNA6T M2801 |
1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection PROFET™: Smart High Side Switches; Package: PG-SOT223-4; Channels: 1.0; R<sub>ON</sub> @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 5.0 - 34.0 V; IL(SC): 1.5 A; Diagnostic: n.a. RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 1K/BULK 1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection 1兆位128K的8并行EEPROM,带有软件数据保 PROFET: Smart High Side Switches; Package: PG-SOT223-4; Channels: 1.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 5.0 - 34.0 V; IL(SC): 1.5 A; Diagnostic: n.a. RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 1K/BULK PROFET: Smart High Side Switches; Package: PG-DSO-8; Channels: 1.0; RON @ Tj = 25°C : 350.0 mOhm; Recommended Operating Voltage Range: 5.0 - 34.0 V; IL(SC): 4.0 A; Diagnostic: n.a. TVS 5.6V 0.4J 18V-CV AXIAL .17X.10 T&R Supercapacitor; Capacitance:0.33F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin; Termination:Radial Leaded; ESR:75ohm; Lead Pitch:5mm; Operating Temp. Max:70 C RoHS Compliant: Yes
|
STMicroelectronics N.V. 意法半导
|